Electronic Components Datasheet Search
  English  ▼

X  

STM32F107VCT6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F107VCT6
Description  64 to 256 Kbytes of Flash memory
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VCT6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F107VCT6 Datasheet HTML 1Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 2Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 3Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 4Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 5Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 6Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 7Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 8Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 103 page
background image
August 2011
Doc ID 15274 Rev 6
1/103
1
STM32F105xx
STM32F107xx
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB
OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
Features
■ Core: ARM 32-bit Cortex™-M3 CPU
– 72 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 wait state memory
access
– Single-cycle multiplication and hardware
division
■ Memories
– 64 to 256 Kbytes of Flash memory
– 64 Kbytes of general-purpose SRAM
■ Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR, and programmable voltage
detector (PVD)
– 3-to-25 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC with calibration
– 32 kHz oscillator for RTC with calibration
■ Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
■ 2 × 12-bit, 1 µs A/D converters (16 channels)
– Conversion range: 0 to 3.6 V
– Sample and hold capability
– Temperature sensor
– up to 2 MSPS in interleaved mode
■ 2 × 12-bit D/A converters
■ DMA: 12-channel DMA controller
– Supported peripherals: timers, ADCs, DAC,
I2Ss, SPIs, I2Cs and USARTs
■ Debug mode
– Serial wire debug (SWD) & JTAG interfaces
– Cortex-M3 Embedded Trace Macrocell™
■ Up to 80 fast I/O ports
– 51/80 I/Os, all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
■ CRC calculation unit, 96-bit unique ID
■ Up to 10 timers with pinout remap capability
– Up to four 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– 1 × 16-bit motor control PWM timer with
dead-time generation and emergency stop
– 2 × watchdog timers (Independent and
Window)
– SysTick timer: a 24-bit downcounter
– 2 × 16-bit basic timers to drive the DAC
■ Up to 14 communication interfaces with pinout
remap capability
– Up to 2 × I2C interfaces (SMBus/PMBus)
– Up to 5 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 3 SPIs (18 Mbit/s), 2 with a
multiplexed I2S interface that offers audio
class accuracy via advanced PLL schemes
– 2 × CAN interfaces (2.0B Active) with
512 bytes of dedicated SRAM
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY that supports
HNP/SRP/ID with 1.25 Kbytes of dedicated
SRAM
– 10/100 Ethernet MAC with dedicated DMA
and SRAM (4 Kbytes): IEEE1588 hardware
support, MII/RMII available on all packages
Table 1.
Device summary
Reference
Part number
STM32F105xx
STM32F105R8, STM32F105V8
STM32F105RB, STM32F105VB
STM32F105RC, STM32F105VC
STM32F107xx
STM32F107RB, STM32F107VB
STM32F107RC, STM32F107VC
LQFP100 14 × 14 mm
LQFP64 10 × 10 mm
FBGA
LFBGA100 10 × 10 mm
www.st.com


Similar Part No. - STM32F107VCT6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F107VC STMICROELECTRONICS-STM32F107VC Datasheet
1,013Kb / 95P
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
14-Sep-2009
STM32F107VC STMICROELECTRONICS-STM32F107VC Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet
01-Aug-2011
STM32F107VC STMICROELECTRONICS-STM32F107VC Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
STM32F107VC STMICROELECTRONICS-STM32F107VC Datasheet
2Mb / 108P
Connectivity line, ARM®-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
March 2017
More results

Similar Description - STM32F107VCT6

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89E54 ICSI-IC89E54 Datasheet
180Kb / 36P
8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
logo
STMicroelectronics
ST21F384 STMICROELECTRONICS-ST21F384 Datasheet
74Kb / 4P
Smartcard MCU with 384 Kbytes of high density Flash memory
22-Oct-2007
STM32F103RET6 STMICROELECTRONICS-STM32F103RET6 Datasheet
1Mb / 130P
256 to 512 Kbytes of Flash memory
19-Apr-2011
logo
Renesas Technology Corp
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
logo
ATMEL Corporation
SAM3U ATMEL-SAM3U_14 Datasheet
1Mb / 60P
From 64 to 256 Kbytes embedded Flash
AT83EB5114 ATMEL-AT83EB5114_14 Datasheet
950Kb / 95P
4 Kbytes ROM or 4 Kbytes Flash Program Memory
AT89EB5114 ATMEL-AT89EB5114_14 Datasheet
950Kb / 95P
4 Kbytes ROM or 4 Kbytes Flash Program Memory
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
13-Nov-2015
STM32W108HB STMICROELECTRONICS-STM32W108HB_V01 Datasheet
7Mb / 278P
High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com