Electronic Components Datasheet Search
  English  ▼

X  

STM32F107VCT6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F107VCT6
Description  64 to 256 Kbytes of Flash memory
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F107VCT6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F107VCT6 Datasheet HTML 6Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 7Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 8Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 9Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 10Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 11Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 12Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 13Page - STMicroelectronics STM32F107VCT6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 103 page
background image
Description
STM32F105xx, STM32F107xx
10/104
Doc ID 15274 Rev 6
2.1
Device overview
Figure 1 shows the general block diagram of the device family.
Table 2.
STM32F105xx and STM32F107xx features and peripheral counts
Peripherals(1)
STM32F105Rx
STM32F107Rx
STM32F105Vx
STM32F107Vx
Flash memory in Kbytes
64
128
256
128
256
64
128
256
128
256
SRAM in Kbytes
64
Package
LQFP64
LQFP
100
LQFP100,
BGA100
LQFP100
Ethernet
No
Yes
No
Yes
Timers
General-purpose
4
Advanced-control
1
Basic
2
Communication
interfaces
SPI(I2S)(2)
3(2)
3(2)
3(2)
3(2)
I2C2
1
2
1
USART
5
USB OTG FS
Yes
CAN
2
GPIOs
51
80
12-bit ADC
Number of channels
2
16
12-bit DAC
Number of channels
2
2
CPU frequency
72 MHz
Operating voltage
2.0 to 3.6 V
Operating temperatures
Ambient temperatures: –40 to +85 °C /–40 to +105 °C
Junction temperature: –40 to + 125 °C
1.
Please refer to Table 5: Pin definitions for peripheral availability when the I/O pins are shared by the peripherals required by
the application.
2.
The SPI2 and SPI3 interfaces give the flexibility to work in either the SPI mode or the I2S audio mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com