Electronic Components Datasheet Search
  English  ▼

X  

AD9129-EBZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9129-EBZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129-EBZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9129-EBZ Datasheet HTML 20Page - Analog Devices AD9129-EBZ Datasheet HTML 21Page - Analog Devices AD9129-EBZ Datasheet HTML 22Page - Analog Devices AD9129-EBZ Datasheet HTML 23Page - Analog Devices AD9129-EBZ Datasheet HTML 24Page - Analog Devices AD9129-EBZ Datasheet HTML 25Page - Analog Devices AD9129-EBZ Datasheet HTML 26Page - Analog Devices AD9129-EBZ Datasheet HTML 27Page - Analog Devices AD9129-EBZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 24 of 68
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–45
–50
–55
–60
–65
–70
–75
–80
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 68. SFDR vs. fOUT over Digital Full Scale
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–40
–50
–60
–70
–80
–90
–100
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 69. SFDR for Second Harmonic vs. fOUT over Digital Full Scale
–40
–50
–60
–70
–80
–90
–100
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 70. SFDR for Third Harmonic vs. fOUT over Digital Full Scale
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–40
–50
–60
–70
–80
–90
–100
–16dBFS
–12dBFS
–6dBFS
0dBFS
Figure 71. IMD vs. fOUT over Digital Full Scale
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–30
–40
–50
–60
–70
–80
–90
11mA
22mA
33mA
Figure 72. SFDR vs. fOUT over DAC IOUTFS
0
200
400
600
800
fOUT (MHz)
1000
1400
1200
–55
–60
–65
–70
–75
–80
–85
–90
11mA
22mA
33mA
Figure 73. IMD vs. fOUT over DAC IOUTFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com