Electronic Components Datasheet Search
  English  ▼

X  

AD9129-EBZ Datasheet(PDF) 30 Page - Analog Devices

Part # AD9129-EBZ
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129-EBZ Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9129-EBZ Datasheet HTML 26Page - Analog Devices AD9129-EBZ Datasheet HTML 27Page - Analog Devices AD9129-EBZ Datasheet HTML 28Page - Analog Devices AD9129-EBZ Datasheet HTML 29Page - Analog Devices AD9129-EBZ Datasheet HTML 30Page - Analog Devices AD9129-EBZ Datasheet HTML 31Page - Analog Devices AD9129-EBZ Datasheet HTML 32Page - Analog Devices AD9129-EBZ Datasheet HTML 33Page - Analog Devices AD9129-EBZ Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 30 of 68
IOUTFS = 28 mA, fDAC = 2.6 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
1.4
1.6
1.8
2.0
2.2
fOUT (GHz)
2.4
2.6
–50
–60
–75
–70
–55
–65
–80
–85
–90
FIRST ACLR (dBc)
SECOND ACLR (dBc)
Figure 98. Single-Carrier W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
1.4
1.6
1.8
2.0
2.2
fOUT (GHz)
2.4
2.6
–50
–60
–75
–70
–55
–65
–80
–85
–90
THIRD ACLR (dBc)
FOURTH ACLR (dBc)
FIFTH ACLR (dBc)
Figure 99. Single-Carrier W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)
1.4
1.6
1.8
2.0
2.2
fOUT (GHz)
2.4
2.6
–50
–60
–75
–70
–55
–65
–80
–85
–90
FIRST ACLR (dBc)
SECOND ACLR (dBc)
Figure 100. Four-Carrier W-CDMA ACLR vs. fOUT (First ACLR, Second ACLR)
1.4
1.6
1.8
2.0
2.2
fOUT (GHz)
2.4
2.6
–50
–60
–75
–70
–55
–65
–80
–85
–90
THIRD ACLR (dBc)
FOURTH ACLR (dBc)
FIFTH ACLR (dBc)
Figure 101. Four-Carrier W-CDMA ACLR vs. fOUT (Third ACLR, Fourth ACLR,
Fifth ACLR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com