Electronic Components Datasheet Search
  English  ▼

X  

ADL5303 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5303
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5303 Datasheet HTML 12Page - Analog Devices ADL5303 Datasheet HTML 13Page - Analog Devices ADL5303 Datasheet HTML 14Page - Analog Devices ADL5303 Datasheet HTML 15Page - Analog Devices ADL5303 Datasheet HTML 16Page - Analog Devices ADL5303 Datasheet HTML 17Page - Analog Devices ADL5303 Datasheet HTML 18Page - Analog Devices ADL5303 Datasheet HTML 19Page - Analog Devices ADL5303 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL5303
Data Sheet
Rev. 0 | Page 16 of 24
USING THE ADAPTIVE BIAS
For most photodiode applications, the placement of the anode
somewhat above ground is acceptable, as long as the positive
bias on the cathode is adequate to support the peak current for
a particular diode, limited mainly by its series resistance. To
address this matter, the ADL5303 provides for a diode bias that
increases linearly with the current. This bias voltage appears at
the VPDB pin, and varies from 0.6 V (reverse-biasing the diode
by 0.1 V) for IPD = 100 pA and rises to 2.6 V (for a diode bias of
2 V) at IPD = 10 mA. This results in a constant internal junction
bias of 0.1 V when the series resistance of the photodiode is
200 Ω. For optical power measurements over a wide dynamic
range, the adaptive biasing function is valuable in minimizing
dark current while preventing the loss of photodiode bias at
high currents. Use of the adaptive bias feature is shown in
Figure 29.
Capacitor CPB, between the photodiode cathode at the VPDB
pin and ground, is included to lower the impedance at this node
and thereby improve the high frequency accuracy at current
levels where the ADL5303 bandwidth is high. CPB also ensures
a high frequency path for any high frequency modulation on
the optical signal, which might not otherwise be accurately
averaged. CPB is not necessary in all cases, and experimentation
may be required to find an optimum value.
NC
VOUT
500mV/DEC
R18 (RB)
C7 (CFILT)
R15 (RA)
15k
Ω
10k
Ω
NC = NO CONNECT
VP
100nF
R1
750
C1
1nF
CPB
R25
IPD
C3
PDB
BIAS
VREF
VPDB
LOCATION
VSUM
INPT
VSUM
ACOM
VPS2
PWDN
VPS1
VREF
VLOG
BFIN
BFNG
VOUT
0.5V
ADL5303
~10k
Ω
5k
Ω
5
2
3
4
15
14
GND
GND
7
11
10
16
12
6
8
9
13
TEMPERATURE
COMPENSATION
Figure 29. Using the Adaptive Biasing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com