Electronic Components Datasheet Search
  English  ▼

X  

ADL5303 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5303
Description  160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5303 Datasheet(HTML) 3 Page - Analog Devices

  ADL5303 Datasheet HTML 1Page - Analog Devices ADL5303 Datasheet HTML 2Page - Analog Devices ADL5303 Datasheet HTML 3Page - Analog Devices ADL5303 Datasheet HTML 4Page - Analog Devices ADL5303 Datasheet HTML 5Page - Analog Devices ADL5303 Datasheet HTML 6Page - Analog Devices ADL5303 Datasheet HTML 7Page - Analog Devices ADL5303 Datasheet HTML 8Page - Analog Devices ADL5303 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL5303
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VPS = 5 V, GND, ACOM = 0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min1
Typ
Max1
Unit
INPUT INTERFACE
Pin 3, INPT; Pin 2 and Pin 4, VSUM
Specified Current Range
Flows toward Pin 3
100
pA
10
mA
Input Node Voltage
Internally preset; may be altered
0.46
0.5
0.54
V
Temperature Drift
−40°C < TA < +85°C
0.04
mV/°C
Input Guard Offset Voltage
VOFS = VIN – VSUM
−20
+20
mV
PHOTODIODE BIAS2
Established between VPDB and INPT
Minimum Value
IPD = 100 pA
70
100
mV
Transresistance
200
mV/mA
LOGARITHMIC OUTPUT
Pin 8, VLOG
Slope
Laser trimmed at 25°C
195
200
205
mV/dec
0°C < TA < 70°C
193
207
mV/dec
Intercept
Laser trimmed at 25°C
60
100
140
pA
0°C < TA < 70°C
35
175
pA
Law Conformance Error
10 nA < IPD < 1 mA, peak error
0.05
0.25
dB
1 nA < IPD < 1 mA, peak error
0.1
0.7
dB
Maximum Output Voltage
1.6
V
Minimum Output Voltage
0.1
V
Output Resistance
Laser trimmed at 25°C
4.95
5
5.05
kΩ
REFERENCE OUTPUT
Pin 6, VREF
Voltage WRT Ground
Laser trimmed at 25°C
1.98
2
2.02
V
−40°C < TA < +85°C
1.92
2.08
V
Output Resistance
2
Ω
OUTPUT BUFFER
Pin 9, BFIN; Pin 13, BFNG; Pin 11, VOUT
Input Offset Voltage
−20
+20
mV
Input Bias Current
Flowing out of Pin 9 or Pin 13
0.4
μA
Incremental Input Resistance
35
MΩ
Output Range
RL = 1 kΩ to ground
VPS − 0.1
V
Output Resistance
0.5
Ω
Wideband Noise3
IPD > 1 μA (see the Typical Performance Characteristics section)
1
μV/√Hz
Small Signal Bandwidth3
IPD > 1 μA (see the Typical Performance Characteristics section)
10
MHz
Slew Rate
0.2 V to 4.8 V output swing
15
V/μs
POWER-DOWN INPUT
Pin 16, PWDN
Logic Level, High State
−40°C < TA < +85°C, 2.7 V < VPS < 5.5 V
2
V
Logic Level, Low State
−40°C < TA < +85°C, 2.7 V < VPS < 5.5 V
1
V
POWER SUPPLY
Pin 10 and Pin 12, VPS2 and VPS1; Pin 14 and 15, GND
Supply Voltage
3.0
5
5.5
V
Quiescent Current
4.5
5.6
mA
In Disabled State
60
μA
1
Minimum and maximum specified limits on parameters are guaranteed but not tested and are six sigma values.
2
This bias is internally arranged to track the input voltage at INPT; it is not specified relative to ground.
3
Output noise and incremental bandwidth are functions of input current; see the Typical Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com