Electronic Components Datasheet Search
  English  ▼

X  

ADuM4471 Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM4471
Description  Isolated Switching Regulator with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4471 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM4471 Datasheet HTML 9Page - Analog Devices ADuM4471 Datasheet HTML 10Page - Analog Devices ADuM4471 Datasheet HTML 11Page - Analog Devices ADuM4471 Datasheet HTML 12Page - Analog Devices ADuM4471 Datasheet HTML 13Page - Analog Devices ADuM4471 Datasheet HTML 14Page - Analog Devices ADuM4471 Datasheet HTML 15Page - Analog Devices ADuM4471 Datasheet HTML 16Page - Analog Devices ADuM4471 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Rev. 0 | Page 13 of 36
DIN V VDE V 0884-10 (VDE V 0884-10) INSULATION CHARACTERISTICS
These isolators are suitable for reinforced electrical isolation only within the safety limit data. Protective circuits ensure maintenance of
the safety data. The asterisk (*) marking on packages denotes DIN V VDE V 0884-10 approval.
Table 8.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 400 V rms
I to III
Climatic Classification
40/105/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
849
V peak
Input-to-Output Test Voltage, Method B1
V
IORM × 1.875 = Vpd (m), 100% production test,
t
ini = tm = 1 sec, partial discharge < 5 pC
V
pd (m)
1592
V peak
Input-to-Output Test Voltage, Method A
V
IORM × 1.5 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
V
pd (m)
After Environmental Tests Subgroup 1
1273
V peak
After Input and/or Safety Test Subgroup 2
and Subgroup 3
V
IORM × 1.2 = Vpd (m), tini = 60 sec, tm = 10 sec,
partial discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
V
IOTM
6000
V peak
Surge Isolation Voltage
V
PEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
V
IOSM
6000
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 7)
Case Temperature
T
S
150
°C
Side 1, Side 2 P
VDDA, PVREG Power Dissipation
P
VDDA, PVREG
2.78
W
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109
Ω
0
100
200
300
400
500
600
0
50
100
150
200
AMBIENT TEMPERATURE (°C)
Figure 7. Thermal Derating Curve, Dependence of Safety Limiting Values on Case Temperature, per DIN V VDE V 0884-10
RECOMMENDED OPERATING CONDITIONS
Table 9.
Parameter
Symbol
Min
Max
Unit
Temperature
Operating Temperature
T
A
−40
+105
°C
Supply Voltage
V
DD1 at VISO = 3.3 V
V
DD1
3.0
3.6
V
V
DD1 at VISO = 3.3 V
V
DD1
4.5
5.5
V
V
DD1 at VISO = 5.0 V
V
DD1
4.5
5.5
V
Load
Minimum Load
I
ISO (MIN)
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com