Electronic Components Datasheet Search
  English  ▼

X  

ADuM4471 Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM4471
Description  Isolated Switching Regulator with Quad-Channel Isolators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM4471 Datasheet(HTML) 2 Page - Analog Devices

  ADuM4471 Datasheet HTML 1Page - Analog Devices ADuM4471 Datasheet HTML 2Page - Analog Devices ADuM4471 Datasheet HTML 3Page - Analog Devices ADuM4471 Datasheet HTML 4Page - Analog Devices ADuM4471 Datasheet HTML 5Page - Analog Devices ADuM4471 Datasheet HTML 6Page - Analog Devices ADuM4471 Datasheet HTML 7Page - Analog Devices ADuM4471 Datasheet HTML 8Page - Analog Devices ADuM4471 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADuM4470/ADuM4471/ADuM4472/ADuM4473/ADuM4474
Data Sheet
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Block Diagrams of I/O Channels.................................................... 3
Specifications..................................................................................... 4
Electrical Characteristics—5 V Primary Input Supply/
5 V Secondary Isolated Supply ................................................... 4
Electrical Characteristics—3.3 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 6
Electrical Characteristics—5 V Primary Input Supply/
3.3 V Secondary Isolated Supply ................................................ 8
Electrical Characteristics—5 V Primary Input Supply/
15 V Secondary Isolated Supply ............................................... 10
Package Characteristics ............................................................. 12
Regulatory Approvals (Pending) .............................................. 12
Insulation and Safety-Related Specifications.......................... 12
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 13
Recommended Operating Conditions .................................... 13
Absolute Maximum Ratings.......................................................... 14
ESD Caution................................................................................ 14
Pin Configurations and Function Descriptions ......................... 15
Typical Performance Characteristics ........................................... 20
Applications Information .............................................................. 26
Theory of Operation .................................................................. 26
Application Schematics ............................................................. 26
Transformer Design ................................................................... 27
Transformer Turns Ratio........................................................... 27
Transformer ET Constant ......................................................... 27
Transformer Primary Inductance and Resistance ................. 28
Transformer Isolation Voltage .................................................. 28
Switching Frequency.................................................................. 28
Transient Response .................................................................... 28
Component Selection ................................................................ 29
Printed Circuit Board (PCB) Layout ....................................... 29
Thermal Analysis ....................................................................... 30
Propagation Delay-Related Parameters................................... 30
DC Correctness and Magnetic Field Immunity........................... 30
Power Consumption .................................................................. 31
Power Considerations................................................................ 32
Insulation Lifetime ..................................................................... 33
Outline Dimensions ....................................................................... 34
Ordering Guide .......................................................................... 34
REVISION HISTORY
12/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com