Electronic Components Datasheet Search
  English  ▼

X  

FN6085 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FN6085
Description  짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6085 Datasheet(HTML) 3 Page - Intersil Corporation

  FN6085 Datasheet HTML 1Page - Intersil Corporation FN6085 Datasheet HTML 2Page - Intersil Corporation FN6085 Datasheet HTML 3Page - Intersil Corporation FN6085 Datasheet HTML 4Page - Intersil Corporation FN6085 Datasheet HTML 5Page - Intersil Corporation FN6085 Datasheet HTML 6Page - Intersil Corporation FN6085 Datasheet HTML 7Page - Intersil Corporation FN6085 Datasheet HTML 8Page - Intersil Corporation FN6085 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6085.9
April 22, 2008
ISL83088EIU
3088E
-40 to +85
8 Ld MSOP
M8.118
ISL83088EIUZ (Note 2)
3088Z
-40 to +85
8 Ld MSOP (Pb-free)
M8.118
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
Ordering Information (Continued)
PART NUMBER (Note 1)
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z*
NOTE: *Shutdown Mode (See Notes 10 and 13).
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ -0.05V
1
00
X
≤ -0.2V
0
0
0
X
Inputs
Open/Shorted
1
10
0
X
High-Z*
1
1
1
X
High-Z
NOTE: *Shutdown Mode (See Notes 10 and 13).
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A - B
≥ -50mV, RO is high; If A - B ≤ -200mV, RO is low; RO = High if A and B are unconnected (floating)
or shorted.
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high. They are high impedance when DE is
low.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
±15kV HBM ESD Protected RS-485/RS-422 level, noninverting receiver input and noninverting driver output. Pin is an input
if DE = 0; pin is an output if DE = 1.
B/Z
±15kV HBM ESD Protected RS-485/RS-422 level, Inverting receiver input and inverting driver output. Pin is an input if DE
= 0; pin is an output if DE = 1.
A
±15kV HBM ESD Protected RS-485/RS-422 level, noninverting receiver input.
B
±15kV HBM ESD Protected RS-485/RS-422 level, inverting receiver input.
Y
±15kV HBM ESD Protected RS-485/RS-422 level, noninverting driver output.
Z
±15kV HBM ESD Protected RS-485/RS-422 level, inverting driver output.
VCC
System power supply input (4.5V to 5.5V).
NC
No Connection.
ISL83080E, ISL83082E, ISL83083E, ISL83084E, ISL83085E, ISL83086E, ISL83088E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com