Electronic Components Datasheet Search
  English  ▼

X  

FN6085 Datasheet(PDF) 13 Page - Intersil Corporation

Part # FN6085
Description  짹15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6085 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button FN6085 Datasheet HTML 9Page - Intersil Corporation FN6085 Datasheet HTML 10Page - Intersil Corporation FN6085 Datasheet HTML 11Page - Intersil Corporation FN6085 Datasheet HTML 12Page - Intersil Corporation FN6085 Datasheet HTML 13Page - Intersil Corporation FN6085 Datasheet HTML 14Page - Intersil Corporation FN6085 Datasheet HTML 15Page - Intersil Corporation FN6085 Datasheet HTML 16Page - Intersil Corporation FN6085 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
FN6085.9
April 22, 2008
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
FIGURE 12.
DRIVER DIFFERENTIAL PROPAGATION DELAY
vs TEMPERATURE (ISL83080E, ISL83082E)
FIGURE 13.
DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL83080E, ISL83082E)
FIGURE 14.
DRIVER DIFFERENTIAL PROPAGATION DELAY
vs TEMPERATURE (ISL83083E, ISL83084E,
ISL83085E)
FIGURE 15.
DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL83083E, ISL83084E,
ISL83085E)
Typical Performance Curves VCC = 5V, TA = +25°C; Unless Otherwise Specified (Continued)
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
-100
-150
Y OR Z = HIGH
Y OR Z = LOW
ISL8308xE
ISL83080E thru ISL83085E
ISL83086E/ISL83088E
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
500
510
520
530
540
550
560
HALF DUPLEX, DE = VCC, RE = X
HALF DUPLEX, DE = GND, RE = GND
FULL DUPLEX, DE = X, RE = GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
740
760
780
800
820
840
860
880
tPLH
tPHL
30
35
40
45
50
55
60
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|CROSS PT. OF Y
↑ AND Z↓ - CROSS PT. OF Y↓ AND Z↑|
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
340
350
360
370
380
390
400
tPLH
tPHL
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
17
18
19
20
21
22
23
24
25
26
27
|CROSS PT. OF Y
↑ AND Z↓ - CROSS PT. OF Y↓ AND Z↑|
ISL83080E, ISL83082E, ISL83083E, ISL83084E, ISL83085E, ISL83086E, ISL83088E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com