| Electronic Components Datasheet Search |
|
PCF85063TP Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063TP Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 46 page ![]() PCF85063TP All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 2 — 15 April 2013 24 of 46 NXP Semiconductors PCF85063TP Tiny Real-Time Clock/calendar 9.5 I2C-bus protocol 9.5.1 Addressing One I2C-bus slave address (1010001) is reserved for the PCF85063TP. The entire I2C-bus slave address byte is shown in Table 29. After a START condition, the I2C slave address has to be sent to the PCF85063TP device. The R/W bit defines the direction of the following single or multiple byte data transfer (R/W = 0 for writing, R/W = 1 for reading). For the format and the timing of the START condition (S), the STOP condition (P) and the acknowledge bit (A) refer to the I2C-bus characteristics (see Ref. 12 “UM10204”). In the write mode, a data transfer is terminated by sending either the STOP condition or the START condition of the next data transfer. 9.5.2 Clock and calendar READ or WRITE cycles The I2C-bus configuration for the different PCF85063TP READ and WRITE cycles is shown in Figure 17 and Figure 18. The register address is a 4-bit value that defines which register will be accessed next. The upper 4 bits of the register address are not used. Table 29. I2C slave address byte Slave address Bit 7 6 5 4 3 2 1 0 MSB LSB 10 10 00 1R/W Fig 17. Master transmits to slave receiver (WRITE mode) 6 $ $ $ 36 DFNQRZOHGJH IURP3&)73 DFNQRZOHGJH IURP3&)73 DFNQRZOHGJH IURP3&)73 VODYHDGGUHVV ZULWHELW UHJLVWHUDGGUHVV KWR$K WRQ GDWDE\WHV DDD 67$57 6723 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |