Electronic Components Datasheet Search
  English  ▼

X  

SIP32458 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32458
Description  20 mohm, Slew Rate Controlled Load Switch in WCSP6
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32458 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32458 Datasheet HTML 2Page - Vishay Siliconix SIP32458 Datasheet HTML 3Page - Vishay Siliconix SIP32458 Datasheet HTML 4Page - Vishay Siliconix SIP32458 Datasheet HTML 5Page - Vishay Siliconix SIP32458 Datasheet HTML 6Page - Vishay Siliconix SIP32458 Datasheet HTML 7Page - Vishay Siliconix SIP32458 Datasheet HTML 8Page - Vishay Siliconix SIP32458 Datasheet HTML 9Page - Vishay Siliconix SIP32458 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SiP32458, SiP32459
Vishay Siliconix
Document Number: 63999
S12-2709-Rev. A, 12-Nov-12
www.vishay.com
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
PACKAGE OUTLINE
WCSP: 6 Bumps (2 x 3, 0.5 mm Pitch, 250 µm Bump Height, 1 mm x 1.5 mm Die Size)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63999
Dimension
MILLIMETERS
INCHES
Min.
Nom.
MAX.
Min.
Nom.
MAX.
A
0.540
0.580
0.620
0.0212
0.0228
0.0244
A1
0.225
0.250
0.275
0.0088
0.0098
0.0108
b
0.280
0.300
0.320
0.0110
0.0118
0.0126
e
0.500
0.0197
s
0.230
0.250
0.270
0.0090
0.0098
0.0106
D
0.920
0.960
1.000
0.0362
0.0378
0.0394
E
1.420
1.460
1.500
0.0559
0.0575
0.0591



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com