Electronic Components Datasheet Search
  English  ▼

X  

SIP32458 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32458
Description  20 mohm, Slew Rate Controlled Load Switch in WCSP6
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32458 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32458 Datasheet HTML 1Page - Vishay Siliconix SIP32458 Datasheet HTML 2Page - Vishay Siliconix SIP32458 Datasheet HTML 3Page - Vishay Siliconix SIP32458 Datasheet HTML 4Page - Vishay Siliconix SIP32458 Datasheet HTML 5Page - Vishay Siliconix SIP32458 Datasheet HTML 6Page - Vishay Siliconix SIP32458 Datasheet HTML 7Page - Vishay Siliconix SIP32458 Datasheet HTML 8Page - Vishay Siliconix SIP32458 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 63999
S12-2709-Rev. A, 12-Nov-12
Vishay Siliconix
SiP32458, SiP32459
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Note:
GE1 denotes halogen-free and RoHS compliant
Notes:
a. Device mounted with all bumps soldered to PC board.
b. Derate 9.1 mW/°C above TA = 70 °C.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating/conditions for extended periods may affect device reliability.
ORDERING INFORMATION
Temperature Range
Package
Marking
Part Number
- 40 °C to 85 °C
WCSP: 6 Bumps
(2 x 3, 0.5 mm pitch,
250 µm bump height,
1.5 mm x 1 mm die size)
AA
SiP32458DB-T2-GE1
AB
SiP32459DB-T2-GE1
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Supply Input Voltage (VIN)
- 0.3 to 6
V
Enable Input Voltage (VEN)
- 0.3 to 6
Output Voltage (VOUT)
- 0.3 to 6
Maximum Continuous Switch Current (Imax.)3
A
Maximum Pulsed Current (IDM) VIN (Pulsed at 1 ms, 10 % Duty Cycle)
6
ESD Rating (HBM)
4000
V
Junction Temperature (TJ)
- 40 to 150
°C
Thermal Resistance (
JA)
a
110
°C/W
Power Dissipation (PD)
a
500
mW
RECOMMENDED OPERATING RANGE
Parameter
Limit
Unit
Input Voltage Range (VIN)
1.5 to 5.5
V
Operating Junction Temperature Range
- 40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com