Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 75 Page - Zilog, Inc.

Part # Z86C08
Description  General-Purpose Register File. Flexible I/O. Analog Inputs
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 75 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 71Page - Zilog, Inc. Z86C08 Datasheet HTML 72Page - Zilog, Inc. Z86C08 Datasheet HTML 73Page - Zilog, Inc. Z86C08 Datasheet HTML 74Page - Zilog, Inc. Z86C08 Datasheet HTML 75Page - Zilog, Inc. Z86C08 Datasheet HTML 76Page - Zilog, Inc. Z86C08 Datasheet HTML 77Page - Zilog, Inc. Z86C08 Datasheet HTML 78Page - Zilog, Inc. Z86C08 Datasheet HTML 79Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 348 page
background image
Z8 CPU
User Manual
UM001602-0904
Watch–Dog Timer
57
WDT Time Select.
Bits D1 and D0 control a tap circuit that determines
the time-out period. Table 16 shows the different values that can be
obtained. The default value of D1 and D0 are 0 and 1, respectively.
WDT During HALT.
The D2 bit determines whether or not the WDT is
active during HALT mode. A 1 indicates active during HALT. The default
is 1. A WDT time out during HALT mode will reset control register ports
to their default reset conditions.
WDT During STOP.
The D3 bit determines whether or not the WDT is
active during STOP mode. Because XTAL clock is stopped during STOP
mode, unless as specified below, the on-board RC must be selected as the
clock source to the POR counter. A 1 indicates active during STOP. The
default is 1. If bits D3 and D4 are both set to 1, the WDT only, is driven
by the external clock during STOP mode. This feature makes it possible
to wake up from STOP mode from an internal source. Please refer to spe-
cific product specifications for conditions of control and port registers
when the Z8® CPU comes out of STOP mode. A WDT time out during
STOP mode will not reset all control registers. The reset conditions of the
ports from STOP mode due to WDT time out is the same as if recovered
using any of the other STOP mode sources.
Table 16. Time-Out Period of the WDT
Time-Out of
Typical Time-Out of
Internal RC OSC
System Clock
D1
D0
0
0
5 ms min
256 TpC
0
1
15 ms min
512 TpC
1
0
25 ms min
1024 TpC
1
1
100 ms min
4096 TpC
*Notes: The values given are for VCC = 5.0V. See the device product specification
for exact WDTMR time out select options available.
1. TpC = XTAL clock cycle
2. The default on reset is, D0 = 1 and D1 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com