Electronic Components Datasheet Search
  English  ▼

X  

Z86C08 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z86C08
Description  General-Purpose Register File. Flexible I/O. Analog Inputs
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C08 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z86C08 Datasheet HTML 42Page - Zilog, Inc. Z86C08 Datasheet HTML 43Page - Zilog, Inc. Z86C08 Datasheet HTML 44Page - Zilog, Inc. Z86C08 Datasheet HTML 45Page - Zilog, Inc. Z86C08 Datasheet HTML 46Page - Zilog, Inc. Z86C08 Datasheet HTML 47Page - Zilog, Inc. Z86C08 Datasheet HTML 48Page - Zilog, Inc. Z86C08 Datasheet HTML 49Page - Zilog, Inc. Z86C08 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 348 page
background image
Z8 Family of Microcontrollers
User Manual
Address Space
UM001602-0904
28
gram memory the Z8® CPU offers multiplexed address/data lines (AD7–
AD0) on Port 1 and address lines (A15–A8) on Port 0. This feature only
applies to devices that offer Port 0 and Port 1. The maximum external
address is FFFF. This memory interface is supported by the control lines
AS (Address Strobe), DS (Data Strobe), and R/W (Read/Write). The ori-
gin of the external program memory starts after the last address of the
internal ROM. Figure 9 shows an example of external program memory
for the Z8® CPU.
External Data Memory
The Z8® CPU, in some cases, can address up to 60KB of external data
memory beginning at location 4096. External data memory (DM) can be
included with, or separated from, the external program memory space.
DM, an optional I/O function that can be programmed to appear on pin
P34, is used to distinguish between data and program memory space. The
state of the DM signal is controlled by the type of instruction being exe-
cuted. An LDC opcode references program memory (DM inactive) , and
an LDE instruction references data memory (DM active Low) . The user
must configure Port 3 Mode Register (P3M) bits D3 and D4 for this
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com