Electronic Components Datasheet Search
  English  ▼

X  

74ACT299SC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74ACT299SC
Description  8-Input Universal Shift/Storage Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT299SC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ACT299SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 9Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 10Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
AC Electrical Characteristics for ACT
Note 10: Voltage Range 5.0 is 5.0V
r 0.5V
AC Operating Requirements for ACT
Note 11: Voltage Range 5.0 is 5.0V
r 0.5V.
Capacitance
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 10)
Min
Typ
Max
Min
Max
fMAX
Maximum Input Frequency
5.0
120
170
110
MHz
tPLH
Propagation Delay
5.0
4.0
8.5
12.5
3.0
14.0
ns
CP to Q0 or Q7 (Shift Left or Right)
tPHL
Propagation Delay
5.0
4.0
9.0
13.5
3.5
15.0
ns
CP to Q0 or Q7 (Shift Left or Right)
tPLH
Propagation Delay
5.0
4.5
8.5
12.5
4.5
13.5
ns
CP to I/On
tPHL
Propagation Delay
5.0
5.0
9.5
15.0
4.5
16.5
ns
CP to I/On
tPHL
Propagation Delay
5.0
4.0
14.0
15.0
4.0
18.0
ns
MR to Q0 or Q7
tPHL
Propagation Delay
5.0
4.0
13.0
14.5
3.5
17.5
ns
MR to I/On
tPZH
Output Enable Time
5.0
2.5
8.0
12.0
1.5
13.0
ns
OE to I/On
tPZL
Output Enable Time
5.0
2.0
8.0
12.0
1.5
13.5
ns
OE to I/On
tPHZ
Output Disable Time
5.0
2.0
8.5
12.5
2.0
13.5
ns
OE to I/On
tPLZ
Output Disable Time
5.0
2.5
8.0
11.5
2.0
12.5
ns
OE to I/On
VCC
TA 25qCTA 40qC to 85qC
Symbol
Parameter
(V)
CL 50 pF
CL 50 pF
Units
(Note 11)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
5.0
2.0
5.0
5.5
ns
S0 or S1 to CP
tH
Hold Time, HIGH or LOW
5.0
2.0
1.0
1.0
ns
S0 or S1 to CP
tS
Setup Time, HIGH or LOW
5.0
1.5
4.0
4.5
ns
I/On to CP
tH
Hold Time, HIGH or LOW
5.0
1.0
1.0
1.0
ns
I/On to CP
tS
Setup Time, HIGH or LOW
5.0
1.5
4.5
5.0
ns
DS0 or DS7 to CP
tH
Hold Time, HIGH or LOW
5.0
1.0
1.0
1.0
ns
DS0 or DS7 to CP
tW
CP Pulse Width
5.0
2.0
4.0
4.5
ns
HIGH or LOW
tW
MR Pulse Width, LOW
5.0
2.0
3.5
3.5
ns
tREC
Recovery Time, MR to CP
5.0
0
1.5
1.5
ns
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
170
pF
VCC 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com