Electronic Components Datasheet Search
  English  ▼

X  

74ACT299SC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74ACT299SC
Description  8-Input Universal Shift/Storage Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT299SC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74ACT299SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT299SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 Fairchild Semiconductor Corporation
DS009893
www.fairchildsemi.com
July 1988
Revised March 2005
74AC299 • 74ACT299
8-Input Universal Shift/Storage Register
with Common Parallel I/O Pins
General Description
The AC/ACT299 is an 8-bit universal shift/storage register
with 3-STATE outputs. Four modes of operation are possi-
ble: hold (store), shift left, shift right and load data. The par-
allel load inputs and flip-flop outputs are multiplexed to
reduce the total number of package pins. Additional out-
puts are provided for flip-flops Q0, Q7 to allow easy serial
cascading. A separate active LOW Master Reset is used to
reset the register.
Features
s ICC and IOZ reduced by 50%
s Common parallel I/O for reduced pin count
s Additional serial inputs and outputs for expansion
s Four operating modes: shift left, shift right, load
and store
s 3-STATE outputs for bus-oriented applications
s Outputs source/sink 24 mA
s ACT299 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Connection Diagram
Pin Descriptions
FACT
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74AC299SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74AC299SCX_NL
(Note 1)
M20B
Pb-Free 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300"
Wide
74AC299SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC299MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC299PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT299SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74ACT299MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT299PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
CP
Clock Pulse Input
DS0
Serial Data Input for Right Shift
DS7
Serial Data Input for Left Shift
S0, S1
Mode Select Inputs
MR
Asynchronous Master Reset
OE1, OE2
3-STATE Output Enable Inputs
I/O0–I/O7
Parallel Data Inputs or
3-STATE Parallel Outputs
Q0, Q7
Serial Outputs


Similar Part No. - 74ACT299SC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT299 STMICROELECTRONICS-74ACT299 Datasheet
102Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-1999
74ACT299B STMICROELECTRONICS-74ACT299B Datasheet
102Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-1999
74ACT299M STMICROELECTRONICS-74ACT299M Datasheet
102Kb / 13P
8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR
Apr-1999
More results

Similar Description - 74ACT299SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
8-bit universal shift/storage register 3-State
1990 Mar 01
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
8-bit shift register with input storage registers
1991 Sep 13
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
DM74LS299 FAIRCHILD-DM74LS299 Datasheet
65Kb / 6P
8-Input Universal Shift/Storage Register with
DM74S299 FAIRCHILD-DM74S299 Datasheet
58Kb / 5P
3-STATE 8-Bit Universal Shift/Storage Register
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
8-Input Universal Shift Storage Register with Common Parallel
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com