Electronic Components Datasheet Search
  English  ▼

X  

AD8237 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8237
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8237 Datasheet HTML 3Page - Analog Devices AD8237 Datasheet HTML 4Page - Analog Devices AD8237 Datasheet HTML 5Page - Analog Devices AD8237 Datasheet HTML 6Page - Analog Devices AD8237 Datasheet HTML 7Page - Analog Devices AD8237 Datasheet HTML 8Page - Analog Devices AD8237 Datasheet HTML 9Page - Analog Devices AD8237 Datasheet HTML 10Page - Analog Devices AD8237 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD8237
Rev. 0 | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
6 V
Output Short-Circuit Current Duration
Indefinite
Maximum Voltage at −IN, +IN, FB, or REF1
+V
S + 0.5 V
Minimum Voltage at −IN, +IN, FB, or REF1
−V
S − 0.5 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature Range
−65°C to +150°C
ESD
Human Body Model
8 kV
Charge Device Model
1.25 kV
Machine Model
0.2 kV
1 If input voltages beyond the specified minimum or maximum voltages are
expected, place resistors in series with the inputs to limit the current to 5 mA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for a device in free air.
Table 5.
Package
θ
JA
Unit
8-Lead MSOP, 4-Layer JEDEC Board
145.7
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com