Electronic Components Datasheet Search
  English  ▼

X  

AD8237 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8237
Description  Micropower, Zero Drift, True Rail-to-Rail Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8237 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8237 Datasheet HTML 5Page - Analog Devices AD8237 Datasheet HTML 6Page - Analog Devices AD8237 Datasheet HTML 7Page - Analog Devices AD8237 Datasheet HTML 8Page - Analog Devices AD8237 Datasheet HTML 9Page - Analog Devices AD8237 Datasheet HTML 10Page - Analog Devices AD8237 Datasheet HTML 11Page - Analog Devices AD8237 Datasheet HTML 12Page - Analog Devices AD8237 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD8237
Rev. 0 | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
+VS = +5 V, −VS = 0 V, VREF = 2.5 V, TA = 25°C, RL = 10 kΩ to ground, unless otherwise noted.
16
14
12
8
10
6
4
2
0
–60
–20
–40
0
20
40
60
OFFSET VOLTAGE (µV)
Figure 4. Typical Distribution of Offset Voltage
18
21
15
12
9
6
3
0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
POSITIVE INPUT BIAS CURRENT (nA)
Figure 5. Typical Distribution of Input Bias Current
35
30
20
25
15
10
5
0
–60
–20
–40
0
20
40
60
GAIN ERROR (µV/V)
Figure 6. Typical Distribution of Gain Error (G = 1)
30
35
40
25
20
15
10
5
0
–6
–4
–2
0
2
4
6
CMRR (µV/V)
Figure 7. Typical Distribution of CMRR
18
15
12
9
6
3
0
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
INPUT OFFSET CURRENT (nA)
Figure 8. Typical Distribution of Input Offset Current
24
18
21
12
15
9
6
3
0
100
110
105
115
120
125
130
SUPPLY CURRENT (µA)
Figure 9. Typical Distribution of Supply Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com