Electronic Components Datasheet Search
  English  ▼

X  

AH1807 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1807
Description  The AH1807 is a medium sensitivity micropower Omnipolar Hall Effect switch IC designed for battery powered consumer to home appliance and industrial equipment such as smart meter magnetic tamper detect.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1807 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1807 Datasheet HTML 1Page - Diodes Incorporated AH1807 Datasheet HTML 2Page - Diodes Incorporated AH1807 Datasheet HTML 3Page - Diodes Incorporated AH1807 Datasheet HTML 4Page - Diodes Incorporated AH1807 Datasheet HTML 5Page - Diodes Incorporated AH1807 Datasheet HTML 6Page - Diodes Incorporated AH1807 Datasheet HTML 7Page - Diodes Incorporated AH1807 Datasheet HTML 8Page - Diodes Incorporated AH1807 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AH1807
Document number: DS35524 Rev. 1 - 2
2 of 11
www.diodes.com
November 2012
© Diodes Incorporated
AH1807
Typical Applications Circuit
Note:
4. CIN is for power stabilization and to strengthen the noise immunity, the recommended capacitance is 10nF to 100nF.
RL is the pull-up resistor, the recommended resistance is 10kΩ to 100kΩ.
Pin Descriptions
Package: SIP-3L
Pin
Number
Pin
Name
Function
1
VDD
Power Supply Input
2
GND
Ground
3
OUTPUT
Output Pin
Package: SOT553
Pin
Number
Pin
Name
Function
1
NC
No Connection (Note 5)
2
GND
Ground
3
NC
No Connection (Note 5)
4
VDD
Power Supply Input
5
OUTPUT
Output
Note:
5. NC is “No Connection” pin and is not connected internally. This pin can be left open or tied to ground.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com