Electronic Components Datasheet Search
  English  ▼

X  

AH1807 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1807
Description  The AH1807 is a medium sensitivity micropower Omnipolar Hall Effect switch IC designed for battery powered consumer to home appliance and industrial equipment such as smart meter magnetic tamper detect.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1807 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1807 Datasheet HTML 1Page - Diodes Incorporated AH1807 Datasheet HTML 2Page - Diodes Incorporated AH1807 Datasheet HTML 3Page - Diodes Incorporated AH1807 Datasheet HTML 4Page - Diodes Incorporated AH1807 Datasheet HTML 5Page - Diodes Incorporated AH1807 Datasheet HTML 6Page - Diodes Incorporated AH1807 Datasheet HTML 7Page - Diodes Incorporated AH1807 Datasheet HTML 8Page - Diodes Incorporated AH1807 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AH1807
Document number: DS35524 Rev. 1 - 2
4 of 11
www.diodes.com
November 2012
© Diodes Incorporated
AH1807
Magnetic Characteristics (Note 9 & 10) (@TA = +25°C, VDD = 2.5V to 5.5V, unless otherwise specified.)
(1mT=10 Gauss)
Symbol
Characteristics
Test Condition
Min
Typ
Max
Unit
Bops (south pole to part marking side)
Operation Point
TA = +25°C
60
80
105
Gauss
TA = -40°C to +125°C
50
80
115
Bopn (north pole to part marking side)
TA = +25°C
-105
-80
-60
TA = -40°C to +125°C
-115
-80
-50
Brps (south pole to part marking side)
Release Point
TA = +25°C
50
65
90
TA = -40°C to +125°C
40
65
100
Brpn (north pole to part marking side)
TA = +25°C
-90
-65
-50
TA = -40°C to +125°C
-100
-65
-40
Bhy (|Bopx|-|Brpx|)
Hysteresis (Note 11)
TA = +25°C
10
15
20
TA = -40°C to +125°C
5
15
—
Notes:
9. Typical data is at TA = +25°C, VDD = 3V.
10. Parameters values over operating temperature range are not tested in production, they are guaranteed by design, process control and characterization.
The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
11. Maximum and minimum hysteresis is guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com