Electronic Components Datasheet Search
  English  ▼

X  

PCAL9538A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCAL9538A
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9538A Datasheet(HTML) 1 Page - NXP Semiconductors

  PCAL9538A Datasheet HTML 1Page - NXP Semiconductors PCAL9538A Datasheet HTML 2Page - NXP Semiconductors PCAL9538A Datasheet HTML 3Page - NXP Semiconductors PCAL9538A Datasheet HTML 4Page - NXP Semiconductors PCAL9538A Datasheet HTML 5Page - NXP Semiconductors PCAL9538A Datasheet HTML 6Page - NXP Semiconductors PCAL9538A Datasheet HTML 7Page - NXP Semiconductors PCAL9538A Datasheet HTML 8Page - NXP Semiconductors PCAL9538A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1.
General description
The PCAL9538A is a low-voltage 8-bit General Purpose Input/Output (GPIO) expander
with interrupt and reset for I2C-bus/SMBus applications. NXP I/O expanders provide a
simple solution when additional I/Os are needed while keeping interconnections to a
minimum, for example, in ACPI power switches, sensors, push buttons, LEDs, fan control,
etc.
In addition to providing a flexible set of GPIOs, the wide VDD range of 1.65 V to 5.5 V
allows the PCAL9538A to interface with next-generation microprocessors and
microcontrollers where supply levels are dropping down to conserve power.
The PCAL9538A contains the PCA9538A register set of four 8-bit Configuration, Input,
Output, and Polarity Inversion registers, and additionally, the PCAL9538A has Agile I/O,
which are additional features specifically designed to enhance the I/O. These additional
features are: programmable output drive strength, latchable inputs, programmable
pull-up/pull-down resistors, maskable interrupt, interrupt status register, programmable
open-drain or push-pull outputs.
The PCAL9538A is a pin-to-pin replacement for the PCA9538, however, the PCAL9538A
powers up with all I/O interrupts masked. This mask default allows for a board bring-up
free of spurious interrupts at power-up.
The PCAL9538A open-drain interrupt (INT) output is activated when any input state differs
from its corresponding Input Port register state and is used to indicate to the system
master that an input state has changed.
INT can be connected to the interrupt input of a microcontroller. By sending an interrupt
signal on this line, the remote I/O can inform the microcontroller if there is incoming data
on its ports without having to communicate via the I2C-bus. Thus, the PCAL9538A can
remain a simple slave device.
The device outputs have 25 mA sink capabilities for directly driving LEDs while consuming
low device current.
The power-on reset sets the registers to their default values and initializes the device state
machine. In the PCAL9538A, the RESET pin causes the same reset/default I/O input
configuration to occur without de-powering the device, holding the registers and I2C-bus
state machine in their default state until the RESET input is once again HIGH. This input
requires a pull-up to VDD.
Two hardware pins (A0, A1) select the fixed I2C-bus address and allow up to four devices
to share the same I2C-bus/SMBus.
PCAL9538A
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with
interrupt, reset and Agile I/O
Rev. 2 — 10 December 2012
Product data sheet


Similar Part No. - PCAL9538A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9535A NXP-PCAL9535A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9535AHF NXP-PCAL9535AHF Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9535APW NXP-PCAL9535APW Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9539A NXP-PCAL9539A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCAL9538A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9538 PHILIPS-PCA9538 Datasheet
197Kb / 18P
8-bit I2C and SMBus low power I/O port with interrupt and reset
2004 Oct 05
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9538 NXP-PCA9538 Datasheet
169Kb / 28P
8-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 May 2009
PCA9539 NXP-PCA9539 Datasheet
191Kb / 31P
16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-28 July 2008
PCA9538A NXP-PCA9538A Datasheet
2Mb / 37P
Low-voltage 8-bit I2C-bus I/O port with interrupt and reset
Rev. 1-28 September 2012
PCAL9535A NXP-PCAL9535A Datasheet
2Mb / 46P
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
Rev. 1-28 September 2012
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
PCAL9554B NXP-PCAL9554B Datasheet
2Mb / 42P
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
Rev. 2-10 December 2012
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com