Electronic Components Datasheet Search
  English  ▼

X  

PCAL9538A Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCAL9538A
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9538A Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCAL9538A Datasheet HTML 10Page - NXP Semiconductors PCAL9538A Datasheet HTML 11Page - NXP Semiconductors PCAL9538A Datasheet HTML 12Page - NXP Semiconductors PCAL9538A Datasheet HTML 13Page - NXP Semiconductors PCAL9538A Datasheet HTML 14Page - NXP Semiconductors PCAL9538A Datasheet HTML 15Page - NXP Semiconductors PCAL9538A Datasheet HTML 16Page - NXP Semiconductors PCAL9538A Datasheet HTML 17Page - NXP Semiconductors PCAL9538A Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
PCAL9538A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
14 of 43
NXP Semiconductors
PCAL9538A
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
Transfer of data can be stopped at any time by a STOP condition. When this occurs, data present at the latest acknowledge
phase is valid (output mode). It is assumed that the command byte has previously been programmed with 00h (read Input port
register).
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address call and
actual data transfer from P port (see Figure 9).
Fig 11. Read Input port register (latch enabled)
1100
A1 A0
1
A
S1
slave address
START condition
R/W
acknowledge from slave
002aah106
data from port
A
acknowledge from master
SDA
1
no acknowledge
from master
read from
port
data into
port
data from port
DATA 1
DATA 1
INT
DATA 2
DATA 2
P
STOP
condition
tv(INT)
trst(INT)
th(D)
tsu(D)
12345678
SCL
9
DATA 1
INT is cleared by
read from port
STOP not needed
to clear INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com