Electronic Components Datasheet Search
  English  ▼

X  

PE44131 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44131
Description  75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44131 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44131 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44131 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44131 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB from Pasternack Enterprises has same
day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB PE44131
URL: http://www.pasternack.com/mini-smb-jack-standard-0.062-end-launch-connector-pe44131-p.aspx
PE44131
PE44131 REV
75 Ohm Mini SMB Jack Connector Solder
Attachment 0.062 inch End Launch PCB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com