Electronic Components Datasheet Search
  English  ▼

X  

PE44131 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44131
Description  75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44131 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44131 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44131 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44131 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
Configuration
Connector
Mini SMB Jack
Connector Specification
MIL-C-39012
Connector Interface Type
0.062 inch End Launch
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 2
Impedance, Ohms
75
Maximum Operating Voltage, Volts
335
Dielectric Withstanding Voltage, Vrms
1,000
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.562 [14.27]
Width/Dia., in [mm]
0.25 [6.35]
Height, in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
Mini SMB Jack
Mating Cycles
500
Contact Material and Plating
Beryllium Copper, Gold
Contact Plating Specification
30µ in minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
10µ in minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB PE44131
PE44131
PE44131 REV
75 Ohm Mini SMB Jack Connector Solder
Attachment 0.062 inch End Launch PCB


Similar Part No. - PE44131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4413 PASTERNACK-PE4413 Datasheet
107Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG58
PE4413 PASTERNACK-PE4413 Datasheet
209Kb / 3P
SMA Female Connector Crimp/Solder Attachment
PE44130 PASTERNACK-PE44130 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
More results

Similar Description - PE44131

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44130 PASTERNACK-PE44130 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44129 PASTERNACK-PE44129 Datasheet
285Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44132 PASTERNACK-PE44132 Datasheet
223Kb / 3P
SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44134 PASTERNACK-PE44134 Datasheet
266Kb / 2P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44135 PASTERNACK-PE44135 Datasheet
204Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44619 PASTERNACK-PE44619 Datasheet
209Kb / 2P
75 Ohm BNC Female Connector Solder Attachment End Launch PCB
PE44305 PASTERNACK-PE44305 Datasheet
752Kb / 2P
75 Ohm MCX Jack Connector Solder Attachment 0.068 inch End Launch PCB
PE45211 PASTERNACK-PE45211 Datasheet
340Kb / 3P
75 Ohm MCX Jack Connector Solder Attachment .072 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com