Electronic Components Datasheet Search
  English  ▼

X  

PE44169 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44169
Description  75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44169 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44169 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44169 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44169 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6 PE44169
URL: http://www.pasternack.com/tnc-male-standard-rg6-connector-pe44169-p.aspx
PE44169
PE44169 REV
75 Ohm TNC Male Right Angle Connector
Clamp/Solder Attachment For RG6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com