Electronic Components Datasheet Search
  English  ▼

X  

PE44169 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44169
Description  75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44169 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44169 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44169 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44169 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6
Configuration
Connector
TNC Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG6
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.81 [45.97]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
1.163 [29.54]
.
Weight, lbs [g]
0.178 [80.74]
Connector
Type
TNC Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG6 PE44169
PE44169
PE44169 REV
75 Ohm TNC Male Right Angle Connector
Clamp/Solder Attachment For RG6


Similar Part No. - PE44169

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4416 PASTERNACK-PE4416 Datasheet
85Kb / 1P
SMA FEMALE CRIMP ATTACHMENT FOR RG188-DS & RG316-DS
PE44161 PASTERNACK-PE44161 Datasheet
95Kb / 1P
75 OHM TNC MALE CLAMP ATTACHMENT FOR RG66
PE44162 PASTERNACK-PE44162 Datasheet
259Kb / 2P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
PE44163 PASTERNACK-PE44163 Datasheet
310Kb / 2P
75 Ohm TNC Male Connector Clamp/Solder Attachment For RG11, RG216
PE44164 PASTERNACK-PE44164 Datasheet
221Kb / 3P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG11
More results

Similar Description - PE44169

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44170 PASTERNACK-PE44170 Datasheet
274Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp Solder Attachment For RG11, RG216
PE4507 PASTERNACK-PE4507 Datasheet
243Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG6
PE44162 PASTERNACK-PE44162 Datasheet
259Kb / 2P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
PE44172 PASTERNACK-PE44172 Datasheet
276Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE44171 PASTERNACK-PE44171 Datasheet
237Kb / 3P
75 Ohm TNC Male Right Angle Connector Clamp/Solder Attachment For RG59
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE4514 PASTERNACK-PE4514 Datasheet
231Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG6
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4611 PASTERNACK-PE4611 Datasheet
226Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG6
PE4605 PASTERNACK-PE4605 Datasheet
234Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG6
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com