Electronic Components Datasheet Search
  English  ▼

X  

GS280 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GS280
Description  280W AC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS280 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GS280 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS280 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
ORDER NO.
DC VOLTAGE
Note.2
SAFETY MODEL NO.
RATED CURRENT
CURRENT RANGE
RATED PO WER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE RANGE
Note.7
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPU T
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFE TY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTIO N
GS280A15
GS280A15-C4P
GS280A12
GS280A12-C4P
GS280A20
GS280A20-C4P
GS280A24
GS280A24-C4P
GS280A48
GS280A48-C4P
15V
12V
20V
24V
48V
120mVp-p
120mVp-p
150mVp-p
280mVp-p
280mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
±5.0%
±5.0%
±4.0%
±3.0%
±2.0%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±4.0%
±3.0%
±2.0%
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
PF>0.95 / 230VAC
PF>0.98 / 115VAC at full load
89.5%
89%
92%
93%
94%
3A / 115VAC
1.5A / 230VAC
120A / 230VAC
1.5mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P: 3KVAC
I/P-O/P
/ 25
/ 70% RH
℃
:100M Ohms / 500VDC
173.6Khrs min. MIL-HDBK-217F(25
)
℃
-30 ~ +60
(Refer to "Derating Curve")
℃
20% ~ 90% RH non-condensing
-40 ~ +85
, 10 ~ 95% RH
℃
±
℃
℃
0.03% /
(0~40
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
220*95*46mm (L*W*H)
1.25Kg; 12pcs/16Kg/1.27CUFT
CONNECTOR
PLUG
CABLE
See page 2
ther type available by cu stomer requested
; O
See page 2
ther type available by customer requested
; O
          
  
               
                    
         
             
                         
                
                        
 
℃
280W AC-DC Single Output Desktop
G S 2 8 0 series
■
 
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
Compliance to EN55022 class B, EN61000-3-2,3, FCC PART 15 / CISPR22 class B, CNS13438 class B, GB9254 class B
OVERLOAD
OVER VOLTAGE
105 ~ 135% rated output power
Protection type : Hic cup mode, recovers automatically after fault condition is remo ved
105 ~ 135% rated output voltage
16A
18.5A
13A
11.67A
5.84A
0 ~ 16A
0 ~ 18.5A
0 ~ 13A
0 ~ 11.67A
0 ~ 5.84A
240W
222W
260W
280.08W
280.32W
Protection type : Shut down o/p voltage, re-power on to recov er
UL60950-1, TUV EN60950-1, BSMI CNS14336, CCC GB4943,
approved
J60950-1(except for 48V)
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
‧
     
    
  
          
   
                 
     
    
   
   
 
 
       
  
I
V
    
    
File Name:GS280-SPEC 2013-04-18
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
2000ms, 20ms / 230VAC
2000ms, 20ms / 115VAC at full load
16ms / 230VAC
16ms / 115VAC at full load
OVER TEMPERATURE
100
10
(RTH2)
℃± ℃
Protection type : Shut down o/p voltage, re-power on to recov er
EMC IMMUNITY
EMC EMISSION
  


Similar Part No. - GS280

ManufacturerPart #DatasheetDescription
logo
Globaltech Semiconducto...
GS2803 GLOBALTECH-GS2803 Datasheet
1Mb / 13P
Low Current Consumption and Low Dropout Voltage LDO
Version_2.2
GS2803F10F GLOBALTECH-GS2803F10F Datasheet
1Mb / 13P
Low Current Consumption and Low Dropout Voltage LDO
Version_2.2
GS2803F12F GLOBALTECH-GS2803F12F Datasheet
1Mb / 13P
Low Current Consumption and Low Dropout Voltage LDO
Version_2.2
GS2803F15F GLOBALTECH-GS2803F15F Datasheet
1Mb / 13P
Low Current Consumption and Low Dropout Voltage LDO
Version_2.2
GS2803F18F GLOBALTECH-GS2803F18F Datasheet
1Mb / 13P
Low Current Consumption and Low Dropout Voltage LDO
Version_2.2
More results

Similar Description - GS280

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
AS-120P MEANWELL-AS-120P Datasheet
263Kb / 2P
120WAC-DC Single Output Desktop
FM90C MEANWELL-FM90C Datasheet
128Kb / 2P
90WAC-DC Single Output Desktop
logo
Wall Industries,Inc.
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
20 Watt Single Output AC/DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTSPU25 WALL-DTSPU25 Datasheet
197Kb / 3P
25 Watt Single Output AC/DC Desktop Power Supply
DTSPU60 WALL-DTSPU60 Datasheet
154Kb / 3P
60 Watt Single Output AC/DC Desktop Power Supply
logo
Mean Well Enterprises C...
GS40 MEANWELL-GS40_11 Datasheet
130Kb / 2P
40WAC-DC Single Output Desktop
GS90 MEANWELL-GS90 Datasheet
127Kb / 2P
90WAC-DC Single Output Desktop
GS220 MEANWELL-GS220_12 Datasheet
189Kb / 2P
220WAC-DC Single Output Desktop
GS160 MEANWELL-GS160_12 Datasheet
263Kb / 2P
160WAC-DC Single Output Desktop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com