Electronic Components Datasheet Search
  English  ▼

X  

GS280 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GS280
Description  280W AC-DC Single Output Desktop
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GS280 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GS280 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GS280 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Plug Assignment
C ase No . GS280A
Unit:mm
1
1
2
2
3
3
4
4
50 3mm
±
UL2464 16AW Gx 4C 1000 50mm
±
POWER L ED
46
220
Derating Curve
Static Characteristics
AMBIENT TEMPERATURE (
)
℃
0
-30
20
10
30 35 40
20
40
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
50
110VAC for
12V~15V
230VAC for others
280W AC-DC Single Output Desktop
G S 2 8 0 series
File Name:GS280-SPEC 2013-04-18
C 4P
S tandard male plug(pow er supply side) : AMP 1 -480702-0 equivalent
F emale p lug(cus tomer s ide, not provide with the power supply ): AMP 1-48070 3-0 equivalent
PIN NO.
1,2
3,4
OUTPUT
+V
-V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com