Electronic Components Datasheet Search
  English  ▼

X  

74F219SC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74F219SC
Description  64-Bit Random Access Memory with 3-STATE Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F219SC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74F219SC Datasheet HTML 1Page - Fairchild Semiconductor 74F219SC Datasheet HTML 2Page - Fairchild Semiconductor 74F219SC Datasheet HTML 3Page - Fairchild Semiconductor 74F219SC Datasheet HTML 4Page - Fairchild Semiconductor 74F219SC Datasheet HTML 5Page - Fairchild Semiconductor 74F219SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Block Diagram
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
A0–A3
Address Inputs
1.0/1.0
20
µA/−0.6 mA
CS
Chip Select Input (Active LOW)
1.0/2.0
20
µA/−1.2 mA
WE
Write Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
D0–D3
Data Inputs
1.0/1.0
20
µA/−0.6 mA
O0–O3
3-STATE Data Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Inputs
Operation
Condition of Outputs
CS
WE
L
L
Write
High Impedance
L
H
Read
True Stored Data
H
X
Inhibit
High Impedance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com