Electronic Components Datasheet Search
  English  ▼

X  

REE30 Datasheet(PDF) 3 Page - ebm-papst

Part # REE30
Description  AC plate-mounted axials
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

REE30 Datasheet(HTML) 3 Page - ebm-papst

  REE30 Datasheet HTML 1Page - ebm-papst REE30 Datasheet HTML 2Page - ebm-papst REE30 Datasheet HTML 3Page - ebm-papst REE30 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
TRE and TRE..TK Series single-phase
transformer controllers
Nominal data
Type
V
Hz
A
kg
o
C
mm
mm
mm
mm
mm
TRE2
230
50/60
2.0
No
3.5
40
IP54
200
150
150
144 x 98
5.5
TRE4
230
50/60
4.0
No
6.0
40
IP54
200
150
150
144 x 98
5.5
TRE7.5
230
50/60
7.5
No
7.5
40
IP54
200
150
150
144 x 98
5.5
TRE2TK
230
50/60
2.0
Yes
3.5
40
IP54
200
150
150
144 x 98
5.5
TRE4TK
230
50/60
4.0
Yes
6.0
40
IP54
200
150
150
144 x 98
5.5
TRE7.5TK
230
50/60
7.5
Yes
7.5
40
IP54
200
150
150
144 x 98
5.5
Subject to alterations
Please contact us for higher rated controllers.
Wiring diagram
General remarks: The TRE and TRE..TK series of transformer controllers for single phase
AC fans and motors, provide energy saving speed control without the creation of addi-
tional motor noise which you get with most electronic controllers. Vacuum impregnation
further reduces electrical noise from the transformers. Available for total load current of
up to 7.5 Amps, a rotary switch selects one of 5 different voltages.
The standard product has a simple fan/motor connection without provision for thermal
overload protection. Use of a separate motor protection device is recommended.
The TK version has connections for motor thermal overload protection. When connected,
an overheat condition will cause the motor supply to trip off. It can only be restarted after
the motor has cooled and either power disconnected from the controller or the selector
switch cycled through the off setting.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com