Electronic Components Datasheet Search
  English  ▼

X  

REE30 Datasheet(PDF) 1 Page - ebm-papst

Part # REE30
Description  AC plate-mounted axials
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

REE30 Datasheet(HTML) 1 Page - ebm-papst

  REE30 Datasheet HTML 1Page - ebm-papst REE30 Datasheet HTML 2Page - ebm-papst REE30 Datasheet HTML 3Page - ebm-papst REE30 Datasheet HTML 4Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
Dimensions
Order code
Curve
VAC
Hz
m3/h
min-1
W
A
dB(A)
o
C
kg
W4E250-DI02-08
M4E068-BF
1
230
50
1010
1400
47
0.21
37
45
3.4
B
44
W4E315-DP18-38
M4E068-DF
2
230
50
2440
1410
120
0.56
42
55
5.5
B
44
W4E350-DP06-39
M6E068-EC
3
230
50
3250
1365
180
0.78
47
60
6.8
F
44
W4E400-DS02-38
M4E074-GA
4
230
50
5000
1400
300
1.35
52
60
7.3
F
44
W4E450-DT05-15
M4E094-HA
5
230
50
6640
1400
470
2.2
51
70
9.6
F
54
W4E500-DZ09-20
M4E094-HA
6
230
50
8322
1347
953
4.8
55
60
13.5
F
54
W6E630-DE01-20
M6E110-GF
7
230
50
11220
870
560
2.5
52
60
20.5
F
54
Subject to alterations
-
-
-
-
-
-
Pressed steel blades with galvanised steel wallplate
Maintenance free, sealed-for-life bearings
Thermal protection (TK) lead-out
Corrosion resistant black coating
IP54 terminal box
100% speed controllable motors
Inlet guard
AC plate-mounted axials
size range Ø250-630mm
-
8000
0
2000
10000
20
40
60
80
4000
6000
[m h]
3
Volume flow
100
12000
5
4
3
1
2
6
7


Similar Part No. - REE30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REE RECOM-REE Datasheet
83Kb / 2P
Low Cost 1W Converter
logo
Ohmite Mfg. Co.
REE OHMITE-REE Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Recom International Pow...
REE-0505S RECOM-REE-0505S Datasheet
572Kb / 2P
LOW COST 1W CONVERTER
REE-0505S RECOM-REE-0505S Datasheet
83Kb / 2P
Low Cost 1W Converter
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
More results

Similar Description - REE30

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
FE175D480C033FP-00 VICOR-FE175D480C033FP-00 Datasheet
1Mb / 20P
Complete AC-DC PCB-mounted solution
logo
Powerbox
PBB7A-B POWERBOX-PBB7A-B Datasheet
303Kb / 1P
AC-DC PCB mounted 3 Watts
PBB7A-C POWERBOX-PBB7A-C Datasheet
307Kb / 1P
AC-DC PCB mounted 5 Watts
PBB7A-D POWERBOX-PBB7A-D Datasheet
302Kb / 1P
AC-DC PCB mounted 10 Watts
PBB7A-G POWERBOX-PBB7A-G Datasheet
303Kb / 1P
AC-DC PCB mounted 25 Watts
logo
Vicor Corporation
FE175D480C033FP-CB VICOR-FE175D480C033FP-CB Datasheet
3Mb / 20P
Complete AC-DC PCB-mounted solution
logo
PAIRUI GROUP INC.
IS-30 PAIRUI-IS-30 Datasheet
751Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120 Datasheet
735Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-240 PAIRUI-IS-240 Datasheet
762Kb / 19P
AC-DC Din Rail Mounted Power Supply
IS-120 PAIRUI-IS-120_19 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com