Electronic Components Datasheet Search
  English  ▼

X  

AS6C3216 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6C3216
Description  32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C3216 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6C3216 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AS6C3216
Rev. 1.0
32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
Alliance Memory, Inc.
3
PIN CONFIGURATION
TSOP-I
A15
A14
A13
A12
A8
AS6C3216
8
7
6
5
4
3
2
1
A11
A10
A9
A20
A19
WE#
CE2
NC
UB#
LB#
A18
A17
A7
A6
A5
A4
A3
A2
A1
14
13
12
11
10
9
16
15
22
21
20
19
18
17
24
23
DQ13
BYTE#
DQ15/A-1
DQ7
DQ14
DQ6
44
41
42
43
A16
Vss
48
47
45
46
33
36
35
34
38
39
40
37
25
28
27
26
30
31
32
29
DQ12
DQ5
DQ4
Vcc
DQ11
DQ3
DQ10
DQ2
DQ1
DQ9
DQ8
DQ0
OE#
Vss
CE#
A0
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 4.6
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
-40 to 85(I grade)
℃
Storage Temperature
TSTG
-65 to 150
℃
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com