Electronic Components Datasheet Search
  English  ▼

X  

AS6C3216 Datasheet(PDF) 5 Page - Alliance Semiconductor Corporation

Part # AS6C3216
Description  32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C3216 Datasheet(HTML) 5 Page - Alliance Semiconductor Corporation

  AS6C3216 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C3216 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AS6C3216
Rev. 1.0
32M Bits ( 2Mx16 / 4Mx8 Switchable) LOW POWER CMOS SRAM
Alliance Memory, Inc.
4
TRUTH TABLE
MODE
CE#
CE2
BYTE# OE#
WE#
LB#
UB#
I/O OPERATION
SUPPLY
CURRENT
DQ0-DQ7 DQ8-DQ14
DQ15
Standby
H
X
X
X
L
X
X
X
H
X
X
X
X
X
X
X
X
H
X
X
H
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
ISB,ISB1
Output
Disable
L
L
L
H
H
H
H
H
L
H
H
H
H
H
H
L
X
X
X
L
X
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
High
– Z
ICC,ICC1
Read
L
L
L
H
H
H
H
H
H
L
L
L
H
H
H
L
H
L
H
L
L
DOUT
High
– Z
DOUT
High
– Z
DOUT
DOUT
High
– Z
DOUT
DOUT
ICC,ICC1
Write
L
L
L
H
H
H
H
H
H
X
X
X
L
L
L
L
H
L
H
L
L
DIN
High
– Z
DIN
High
– Z
DIN
DIN
High
– Z
DIN
DIN
ICC,ICC1
Byte#
Read
L
H
L
L
H
X
X
Dout
High
– Z
A-1
ICC,ICC1
Byte #
Write
L
H
L
X
L
X
X
Din
High
– Z
A-1
ICC,ICC1
Note:
H = VIH, L = VIL, X = Don't care.
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*4
MAX.
UNIT
Supply Voltage
VCC
2.7
3.0
3.6
V
Input High Voltage
VIH
*1
2.2
-
VCC+0.3
V
Input Low Voltage
VIL
*2
- 0.2
-
0.6
V
Input Leakage Current
ILI
VCC
≧ VIN ≧ VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC
≧ VOUT ≧ VSS
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH = -1mA
2.2
2.7
-
V
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
Average Operating
Power supply Current
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH
II/O = 0mA
Other pins at VIL or VIH
- 55
-
45
80
mA
ICC1
Cycle time = 1µs
CE#≦0.2V and CE2≧VCC-0.2V
II/O = 0mA
Other pins at 0.2V or VCC-0.2V
-
10
20
mA
Standby Power
Supply Current
ISB
CE# = VIH or CE2 = VIL
Other pins at VIL or VIH
-
0.3
2
mA
ISB1
CE#
≧VCC-0.2V
or CE2≦0.2V
Other pins at 0.2V or VCC-0.2V
-SLI
-
10
120
µA
Notes:
1. VIH(max) = VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) = VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. Typical values are included for reference only and are not guaranteed or tested.
Typical values are measured at VCC = VCC(TYP.) and TA = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com