Electronic Components Datasheet Search
  English  ▼

X  

WH100 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # WH100
Description  Aluminium Housed Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH100 Datasheet(HTML) 2 Page - Welwyn Components Limited

  WH100 Datasheet HTML 1Page - Welwyn Components Limited WH100 Datasheet HTML 2Page - Welwyn Components Limited WH100 Datasheet HTML 3Page - Welwyn Components Limited WH100 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aluminium Housed
Wirewound Resistors
WH Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
07. 12
Aluminium Housed
Wirewound Resistors
Physical Data
Dimensions (mm) & Weight (g)
WH5, 10, 25 & 50
A
B
C
E
F
G
H
L
M
N
Dt
Wt.
Type
Max
±0.3
±0.3
Min
Max
Max
Dia ±0.2
Max
±0.5
Max
Min
Nom
WH5
30
12.4
11.3
1.9
17
9
2.4
17.0
4.3
1.8
2.5
3.6
WH10
36.5
15.9
14.3
1.9
21
11
2.4
21.0
5.2
2.2
2.9
5.6
WH25
51 1
19.8
18.3
2.8
28
15
3.3
29.0
7.2
2.6
4.3
13
WH50
72.5 2
21.4
39.7
2.8
30
16
3.3
51.0
7.9
2.6
5.1
29
WH100, 200 & 300
A
Max
B
Max
C
Max
D
Max
E
Max
F
±0.3
G
±0.3
H
Max
J
Max
K
Max
L
Nom
3
M
Max
Dt
Min
Wt.
Nom
WH100
47.5
88
24.1
27.3
65.2
35
37
11.8
15.4
3.7
4.4
-
7.0
115
WH200
72.5
145.7
41.8
45.5
89.7
70
57.2
20.5
10.4
5.5
5.1
103.4
15
475
WH300
72.5
184.4
41.8
45.5
127.7
104
59
20.5
12.4
5.5
6.6
141.4
15
700
Note 1: Amax for WH25T is 71.3
Note 2: Amax for WH50T is 95.5
Note 3: WH100: ±0.25, WH200 & 300: ±0.45
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Construction
Cap and lead assemblies are fitted to a high purity
ceramic substrate. The resistive element is wound onto
the substrate and welded to the caps. The wound rod is
then moulded and fitted into aluminium housing to give
optimum stability and reliability.
Marking
The resistors are legend marked with type reference,
resistance value and tolerance which will withstand all
accepted industrial cleaning fluids. Values are marked
in accordance with IEC 62
End face tracking distance = Dt
WH100
WH200 & 300
WH5, 10, 25 & 50
Spade terminal on
WH25T & WH50T
Nominal dims in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com