Electronic Components Datasheet Search
  English  ▼

X  

WH100 Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # WH100
Description  Aluminium Housed Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WH100 Datasheet(HTML) 4 Page - Welwyn Components Limited

  WH100 Datasheet HTML 1Page - Welwyn Components Limited WH100 Datasheet HTML 2Page - Welwyn Components Limited WH100 Datasheet HTML 3Page - Welwyn Components Limited WH100 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Aluminium Housed
Wirewound Resistors
WH Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
07. 12
Aluminium Housed
Wirewound Resistors
The standard aluminium heatsinks are defined in the table below. If smaller heatsinks are used then derating should
be applied as indicated in the graph below. If no heatsink is employed, use the ratings for 1cm2.
Packaging
WH5, 10, 25, 50 &100 resistors are packed in plastic bags and boxed. WH200 & 300 are individually boxed.
Ordering Procedure
Example: WH25 with spade terminals at 100 ohms with a 5% tolerance:
W H 2 5 T – 1 0 0 R J I
Type
Termination
Standard
T
Spade terminal
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J 5%
G 2%
K 10%
Packing
The following options apply to WH5, 10, 25 & 50 only:
For CECC released product state on order the CECC number and style. Example:
WH25-3K3JI CECC40203-006 CA
For SnPb finish instead of Pb-free replace the packing suffix with
PB. Example: WH25-3K3JPB
Type (CECC) Thickness (mm)
Area (cm²)
WH5 (AA)
1
410
WH10 (BA)
1
410
WH25 (CA)
1
544
WH50 (DA)
1
544
WH50 @ 50W
1.5
930
WH100
3
1000
WH200
3
3800
WH300
3
5800
Reference heatsink dimensions
1
10
100
1000
1
10
100
1000
10000
Heatsink Surface Area (cm2)
WH10/BA 70°C
WH10/BA 25°C
WH5/AA 70°C
WH5/AA 25°C
WH25/CA 70°C
WH25/CA 25°C
DA 70°C
DA 25°C
WH50 25°C
WH100 70°C
WH100 25°C
WH200 70°C
WH200 25°C
WH300 70°C
WH300 25°C
0
20
40
60
80
100
120
0
100
200
Am bient T em perature (°C )
Derating for reduced heatsink dimensions
Derating for ambient temperature
I
WH5, 10, 25, 50
Bulk
10/box
Standard
WH100, 200, 300
1/box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com