Electronic Components Datasheet Search
  English  ▼

X  

WHS Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # WHS
Description  Wirewound High Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WHS Datasheet(HTML) 3 Page - Welwyn Components Limited

  WHS Datasheet HTML 1Page - Welwyn Components Limited WHS Datasheet HTML 2Page - Welwyn Components Limited WHS Datasheet HTML 3Page - Welwyn Components Limited WHS Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
20
40
60
80
100
0
50
100
150
200
250
300
350
Ambient Temperature (°C)
Ambient Temperature °C
0
50
100
150
200
250
300
0
1
2
3
4
5
6
7
8
9 10
WHS7
WHS5
WHS3
WHS2
Power (W)
Body Temperature Rise
Wirewound High Surge Resistors
WHS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
08. 12
Application Notes
1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered closer than
4mm from the body.
2. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. The surface temperature rise
at the centre of the body is shown under Thermal Performance.
3. WHS2, WHS3, WHS5 resistors can also be supplied with goalpost or lancet pre-formed leads. Radial form is available on
WHS2 and WHS3 only.
WHS2, WHS3, and WHS5 are also available in an SMD format with Z formed leads and packed in blister tape. See the Z-form
datasheet for details http://www.welwyn-tt.com/pdf/datasheet/Z-form.pdf
Thermal Performance
0.1
1
10
1
10
100
1000
Value (ohms)
s Peak Voltage Limit
(10 pulses at 30s intervals, R < 5%)
Note the voltage shown is the nett voltage across the resistor. At low
values, the generator open circuit voltage will be higher due to the
generator's 2 ohm internal impedance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com