Electronic Components Datasheet Search
  English  ▼

X  

WHS Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # WHS
Description  Wirewound High Surge Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WHS Datasheet(HTML) 4 Page - Welwyn Components Limited

  WHS Datasheet HTML 1Page - Welwyn Components Limited WHS Datasheet HTML 2Page - Welwyn Components Limited WHS Datasheet HTML 3Page - Welwyn Components Limited WHS Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WHS2 – 100R
J
A25
Dimensions mm
b
c
WHS2
52
5
WHS3
67
10
WHS5
63
10
*WHS7
85
10
*An offset lead length is available for WHS7
series. Consult factory for details
Ordering Procedure
Example: WHS2 at 100 ohms and 5% tolerance in ammo pack box of 2500 pieces -
Wirewound High Surge Resistors
WHS Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
08. 12
Packaging
The standard packaging for WHS is taped. The critical dimensions are shown in Figure 1. The component wires will not protrude
beyond the outside edge of the tapes. Taped product is then packed into boxes or onto reels. See Ordering Procedure for details.
Alternative packaging is available by request. Pre-formed resistors are supplied loose packed in plastic bags or boxes.
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
A25
Tape
WHS2
2500/box
Standard
A1
WHS3
1000/box
T075
Ammo
WHS5
750/reel
T07
WHS7
700/reel
F
1%
G
2%
J
5%
Radial
Goalpost
Lancet
Z-form
b
f1
f2
-f2 < 1.4mm
6
6
Figure 1
c



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com