Electronic Components Datasheet Search
  English  ▼

X  

WM9090 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM9090
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM9090 Datasheet HTML 45Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 46Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 47Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 48Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 49Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 50Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 51Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 52Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (54h)
DC Servo 0
5
DCS_TRIG_START
UP_1
0
Writing 1 to this bit selects Start-
Up DC Servo mode for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo
Start-Up correction is in
progress.
4
DCS_TRIG_START
UP_0
0
Writing 1 to this bit selects Start-
Up DC Servo mode for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo
Start-Up correction is in
progress.
3
DCS_TRIG_DAC_W
R_1
0
Writing 1 to this bit selects DAC
Write DC Servo mode for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
2
DCS_TRIG_DAC_W
R_0
0
Writing 1 to this bit selects DAC
Write DC Servo mode for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
1
DCS_ENA_CHAN_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CHAN_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
R87 (57h)
DC Servo 3
15:8
DCS_DAC_WR_VA
L1 [7:0]
0000 0000
DC Offset value for HPOUT1R in
DAC Write DC Servo mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
7:0
DCS_DAC_WR_VA
L0 [7:0]
0000 0000
DC Offset value for HPOUT1L in
DAC Write DC Servo mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
R88 (58h)
DC Servo
Readback 0
9:8
DCS_CAL_COMPL
ETE [1:0]
00
DC Servo Complete status
0 = DAC Write or Start-Up DC
Servo mode not completed.
1 = DAC Write or Start-Up DC
Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
5:4
DCS_DAC_WR_CO
MPLETE [1:0]
00
DC Servo DAC Write status
0 = DAC Write DC Servo mode
not completed.
1 = DAC Write DC Servo mode
complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com