Electronic Components Datasheet Search
  English  ▼

X  

WM9090 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM9090
Description  Ultra Low Power Audio Subsystem
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9090 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM9090 Datasheet HTML 69Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 70Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 71Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 72Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 73Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 74Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 75Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 76Page - Wolfson Microelectronics plc WM9090 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 81 page
background image
Production Data
WM9090
w
PD, November 2010, Rev 4.1
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2:0
AGC_PWR_D
CY [2:0]
000
AGC Power Limiting Decay Rate
Sets the rate of AGC gain increments after a period of
power limiting
000 = 1080ms/6dB
001 = 1200ms/6dB
010 = 1320ms/6dB
011 = 1680ms/6dB
100 = 2040ms/6dB
101 = 2760ms/6dB
110 = 4080ms/6dB
111 = 8160ms/6dB
Register 63h AGC Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R100 (64h)
AGC Control
2
8
AGC_RAMP
0
AGC Ramp Control
Selects how the AGC gain adjustment is applied
0 = Multiple gains steps per zero-cross
1 = Single gain step per zero-cross
5:0
AGC_MINGAIN
[5:0]
00_0000
AGC Minimum Gain
-57dB to +6dB in 1dB steps
Register 64h AGC Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com