Electronic Components Datasheet Search
  English  ▼

X  

TCM0806G Datasheet(PDF) 3 Page - TDK Electronics

Part # TCM0806G
Description  For high-speed differential signal line (USB2.0, LVDS, etc.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TCM0806G Datasheet(HTML) 3 Page - TDK Electronics

  TCM0806G Datasheet HTML 1Page - TDK Electronics TCM0806G Datasheet HTML 2Page - TDK Electronics TCM0806G Datasheet HTML 3Page - TDK Electronics TCM0806G Datasheet HTML 4Page - TDK Electronics TCM0806G Datasheet HTML 5Page - TDK Electronics TCM0806G Datasheet HTML 6Page - TDK Electronics TCM0806G Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
• All specifications are subject to change without notice.
(2/6)
001-03 / 20130401 / e9712_tcm_g
ELECTRICAL CHARACTERISTICS
TYPICAL ELECTRICAL CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Part No.
Common mode impedance
(
) [100MHz]
DC resistance
(
)[1 line]
Rated current
Idc(A)max.
Rated voltage
Edc(V)max.
Insulation resistance
(M
)min.
TCM0605G-900-2P
90±20%
3±30%
0.1
10
10
TCM0605G-650-2P
65±20%
2.7±30%
0.1
10
10
Frequency(MHz)
1
10
100
1000
10000
1
10
100
1000
10000
900 Differential mode
650 Differential mode
900 Common mode
650 Common mode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com