Electronic Components Datasheet Search
  English  ▼

X  

TCM0806G Datasheet(PDF) 4 Page - TDK Electronics

Part # TCM0806G
Description  For high-speed differential signal line (USB2.0, LVDS, etc.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TCM0806G Datasheet(HTML) 4 Page - TDK Electronics

  TCM0806G Datasheet HTML 1Page - TDK Electronics TCM0806G Datasheet HTML 2Page - TDK Electronics TCM0806G Datasheet HTML 3Page - TDK Electronics TCM0806G Datasheet HTML 4Page - TDK Electronics TCM0806G Datasheet HTML 5Page - TDK Electronics TCM0806G Datasheet HTML 6Page - TDK Electronics TCM0806G Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
• All specifications are subject to change without notice.
(3/6)
001-03 / 20130401 / e9712_tcm_g
Common Mode Filters
For High-speed Differential Signal Line
(USB2.0, LVDS, etc.)
TCM Series TCM0806G
FEATURES
• The TCM0806G (L0.85
W0.65T0.4mm) is a compact thin-film
common mode filter.
• By providing wide bandwidth (cutoff frequency: 3GHz) for
differential mode, this product has almost no effect for high-
speed differential signals and can suppress the radiated
emission.
• This product contains no lead and supports lead-free soldering.
APPLICATIONS
• High speed interface(LVDS, IEEE1394 and USB2.0) in
electronics devices.
• Portable audio, digital cellular phones, DVC, DSC, PDP/LCD/
DLP/PJ TVs, DVD players, notebook PCs, amusement
machines, etc.
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAM
RECOMMENDED PC BOARD PATTERN
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Product identification number
(4) Impedance[at 100MHz]
900: 90
(5) Number of line
2P: 2-line
(6) Packaging style
T: ø180mm reel taping
RECOMMENDED SOLDERING CONDITIONS
RECOMMENDED TEMPERATURE PROFILE
FOR LEAD-FREE SOLDER
REFLOW PROFILE FOR SOLDER HEAT RESISTANCE
Conformity to RoHS Directive
Operating
–25 to +85°C
Storage(After mount)
–25 to +85°C
Packaging style
Quantity
Taping
10000 pieces/reel
0.85
±0.05
0.27
±0.1
0.5
±0.1
4
1
3
2
Weight: 1mg
Dimensions in mm
1
4
2
3
• No polarity
0.5
0.3
Dimensions in mm
TCM
0806
G - 900 - 2P - T
(1)
(2)
(3)
(4)
(5)
(6)
150˚C
180˚C
Peak 245˚C max.
230˚C
60 to 120s
10 to 30s
Natural
cooling
Time(s)
150˚C
180˚C
Peak 260˚C max.
230˚C
60 to 120s
40s max.
Natural
cooling
Time(s)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com