Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MOC8021
Description  6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC8021 Datasheet(HTML) 1 Page - Motorola, Inc

  MOC8021 Datasheet HTML 1Page - Motorola, Inc MOC8021 Datasheet HTML 2Page - Motorola, Inc MOC8021 Datasheet HTML 3Page - Motorola, Inc MOC8021 Datasheet HTML 4Page - Motorola, Inc MOC8021 Datasheet HTML 5Page - Motorola, Inc MOC8021 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
Darlington Output
(No Base Connection)
The MOC8020 and MOC8021 devices consist of a gallium arsenide infrared
emitting diode optically coupled to a monolithic silicon photodarlington detector.
The chip to Pin 6 base connection has been eliminated to improve the device’s
output performance in higher noise environments.
• No Base Connection for Improved Noise Immunity
• Higher Sensitivity to Low Input Drive Current
• To order devices that are tested and marked per VDE 0884 requirements, the
suffix ”V” must be included at end of part number. VDE 0884 is a test option.
Applications
• Appliances, Measuring Instruments
• I/O Interfaces for Computers
• Programmable Controllers
• Portable Electronics
• Interfacing and coupling systems of different potentials and impedances
• Solid State Relays
• Circuits Exposed to High Noise Environments
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
LED Power Dissipation @ TA = 25°C
with Negligible Power in Output Detector
Derate above 25
°C
PD
120
1.41
mW
mW/
°C
OUTPUT DETECTOR
Collector–Emitter Voltage
VCEO
50
Volts
Collector Current Continuous
IC
150
mA
Emitter–Collector Voltage
VECO
5
Volts
Detector Power Dissipation @ TA = 25°C
with Negligible Power in Input LED
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(1)
(Peak ac Voltage, 60 Hz, 1 sec Duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(2)
TA
– 55 to +100
°C
Storage Temperature Range(2)
Tstg
– 55 to +150
°C
Soldering Temperature (10 sec, 1/16
″ from case)
TL
260
°C
1. Isolation surge voltage is an internal device dielectric breakdown rating.
1. For this test, Pins 1 and 2 are common, and Pins 4 and 5 are common.
2. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
GlobalOptoisolator is a trademark of Motorola, Inc.
Order this document
by MOC8020/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
GlobalOptoisolator
™
© Motorola, Inc. 1995
MOC8020
MOC8021
SCHEMATIC
[CTR = 1000% Min]
STANDARD THRU HOLE
CASE 730A–04
STYLE 3 PLASTIC
PIN 1. LED ANODE
2. LED CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. N.C.
[CTR = 500% Min]
1
2
3
6
5
4
6
1
REV 1


Similar Part No. - MOC8021

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
66Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
Vishay Siliconix
MOC8021 VISHAY-MOC8021 Datasheet
115Kb / 6P
Optocoupler, Photodarlington Output, High Gain
26-Oct-04
logo
Fairchild Semiconductor
MOC8021 FAIRCHILD-MOC8021 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
logo
ISOCOM COMPONENTS
MOC8021 ISOCOM-MOC8021 Datasheet
395Kb / 4P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Fairchild Semiconductor
MOC8021M FAIRCHILD-MOC8021M Datasheet
259Kb / 9P
Photodarlington Optocoupler (No Base Connection)
More results

Similar Description - MOC8021

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
6-Pin DIP Optoisolators Darlington Output(Low Input Current)
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
MOC119 MOTOROLA-MOC119 Datasheet
265Kb / 6P
6-Pin DIP Optoisolator Darlington Output(No Base Connection)
MOC263 MOTOROLA-MOC263 Datasheet
111Kb / 4P
SMALL OUTLINE OPTOISOLATORS DARLINGTON OUTPUT NO BASE CONNECTION
MOC8050 MOTOROLA-MOC8050 Datasheet
274Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
6-Pin DIP Optoisolators Darlington Output
MOC8101 MOTOROLA-MOC8101 Datasheet
188Kb / 4P
6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
MOC8106 MOTOROLA-MOC8106 Datasheet
198Kb / 6P
6-Pin DIP Optoisolators for Power Supply Applications(No Base Connection)
MOC8111 MOTOROLA-MOC8111 Datasheet
276Kb / 6P
6-Pin DIP Optoisolators Transistor Output(No Base Connection)
MTIL113 MOTOROLA-MTIL113 Datasheet
100Kb / 4P
6-Pin DIP Optoisolators Darlington Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com