Electronic Components Datasheet Search
  English  ▼

X  

MOC8021 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC8021
Description  6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC8021 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC8021 Datasheet HTML 1Page - Motorola, Inc MOC8021 Datasheet HTML 2Page - Motorola, Inc MOC8021 Datasheet HTML 3Page - Motorola, Inc MOC8021 Datasheet HTML 4Page - Motorola, Inc MOC8021 Datasheet HTML 5Page - Motorola, Inc MOC8021 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC8020 MOC8021
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ(1)
Max
Unit
INPUT LED
Reverse Leakage Current
(VR = 3 V)
IR
—
0.05
10
µA
Forward Voltage
(IF = 10 mA)
VF
—
1.15
2
Volts
Capacitance
(V = 0 V, f = 1 MHz)
C
—
18
—
pF
PHOTODARLINGTON (TA = 25°C and IF = 0, unless otherwise noted)
Collector–Emitter Dark Current
(VCE = 10 V)
ICEO
—
—
100
nA
Collector–Emitter Base Breakdown Voltage
(IC = 1 mA)
V(BR)CEO
50
—
—
Volts
Emitter–Collector Breakdown Voltage
(IE = 100 µA)
V(BR)ECO
5
—
—
Volts
COUPLED (TA = 25°C unless otherwise noted)
Collector Output Current
(VCE = 5 V, IF = 10 mA)
MOC8020
MOC8021
IC (CTR)(2)
50 (500)
100 (1000)
—
—
—
—
mA (%)
Isolation Surge Voltage(3,4), 60 Hz Peak ac, 1 Second
VISO
7500
—
—
Vac(pk)
Isolation Resistance(3)
(V = 500 V)
RISO
—
1011
—
Ohms
Isolation Capacitance(3)
(V = 0, f = 1 MHz)
CISO
—
0.2
—
pF
SWITCHING
Turn–On Time
ton
—
3.5
—
µs
Turn–Off Time
VCC = 10 V, RL = 100 Ω, IF = 5 mA(5)
toff
—
95
—
Rise Time
VCC = 10 V, RL = 100 Ω, IF = 5 mA(5)
tr
—
1
—
Fall Time
tf
—
2
—
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For this test, LED Pins 1 and 2 are common and Phototransistor Pins 4 and 5 are common.
4. Isolation Surge Voltage, VISO, is an internal device dielectric breakdown rating.
5. For test circuit setup and waveforms, refer to Figure 9.
TYPICAL CHARACTERISTICS
TA = –55°C THRU
+100
°C
+25
°C
Figure 1. LED Forward Voltage versus Forward Current
Figure 2. Output Current versus Input Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
IF, LED FORWARD CURRENT (mA)
25
°C
100
°C
10
1
0.1
0.01
0.5
1
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
NORMALIZED TO: IF = 10 mA
TA = –55°C
+70
°C
TA = 25°C
PULSE ONLY
PULSE OR DC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com