Electronic Components Datasheet Search
  English  ▼

X  

TDA2003AV Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA2003AV
Description  10 W car radio audio amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2003AV Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA2003AV Datasheet HTML 11Page - STMicroelectronics TDA2003AV Datasheet HTML 12Page - STMicroelectronics TDA2003AV Datasheet HTML 13Page - STMicroelectronics TDA2003AV Datasheet HTML 14Page - STMicroelectronics TDA2003AV Datasheet HTML 15Page - STMicroelectronics TDA2003AV Datasheet HTML 16Page - STMicroelectronics TDA2003AV Datasheet HTML 17Page - STMicroelectronics TDA2003AV Datasheet HTML 18Page - STMicroelectronics TDA2003AV Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TDA2003A
Application information
Doc ID 018796 Rev 4
15/19
3.2.3
Application recommendations
The recommended component values are those shown in the application circuit in
Figure 20. Different values can be used. The following table is intended to aid the car-radio
designer.
Table 5.
Recommended values of the components of a bridge application circuit
Component
Recommended
value
Purpose
Larger than
recommended value
Smaller than
recommended value C1
C1
2.2 µF
Input DC decoupling
-
Noise at switch-on, switch-off
C2
470 µF
Ripple rejection
-
Degradation of SVR
C3
0.1 µF
Supply bypassing
-
Danger of oscillation
C4
1000 µF
Output coupling to load
-
Higher low frequency cutoff
C5
0.1 µF
Frequency stability
-
Danger of oscillation at high
frequencies with inductive
loads
CX
≅
Upper frequency cutoff
Lower bandwidth
Larger bandwidth
R1
(Gv-1)
. R2
Setting of gain
-
Increase of drain current
R2
2.2
Ω
Setting of gain and SVR
Degradation of SVR
-
R3
1
Ω
Frequency stability
Danger of oscillation
at high frequencies
with inductive loads
-
Rx
≅ 20 R2
Upper frequency cutoff
Poor high frequency
attenuation
Danger of oscillation
1
2
πBR1
-------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com