Electronic Components Datasheet Search
  English  ▼

X  

SP720APP Datasheet(PDF) 5 Page - Littelfuse

Part # SP720APP
Description  SP720 Series 3pF 4kV Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720APP Datasheet(HTML) 5 Page - Littelfuse

  SP720APP Datasheet HTML 1Page - Littelfuse SP720APP Datasheet HTML 2Page - Littelfuse SP720APP Datasheet HTML 3Page - Littelfuse SP720APP Datasheet HTML 4Page - Littelfuse SP720APP Datasheet HTML 5Page - Littelfuse SP720APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
59
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPA™Family of Products)
Revision: April 14, 2011
SP720 Lead-Free/Green Series
General Purpose ESD Protection - SP720 Series
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
250+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
C
L
E
eA
C
eB
eC
-B-
E1
INDEX
1 2 3
N/2
N
AREA
SEATING
BASE
PLANE
PLANE
-C-
D1
B1
B
e
D
D1
A
A2
L
A1
-A-
0.010 (0.25)C
A
M
BS
Package
PDIP
Pins
16 Lead Dual-in-Line
JEDEC
E16.3 MS-001-BB Issue D
Millimeters
Inches
Notes
Min
Max
Min
Max
A
-
5.33
-
0.210
4
A1
0.39
-
0.015
-
4
A2
2.93
4.95
0.115
0.195
-
B
0.356
0.558
0.014
0.022
-
B1
1.15
1.77
0.045
0.070
8, 10
C
0.204
0.355
0.008
0.014
-
D
18.66
19.68
0.735
0.775
5
D1
0.13
-
0.005
-
5
E
7.62
8.25
0.300
0.325
6
E1
6.10
7.11
0.240
0.280
5
e
2.54 BSC
0.100 BSC
-
e
A
7.62 BSC
0.300 BSC
6
e
B
-
10.92
-
0.430
7
L
2.93
3.81
0.115
0.150
4
N
16
16
9
Notes:
1.
Controlling Dimensions: INCH. in case of conflict between English and Metric
dimensions, the inch dimensions control.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication No.
95.
4. Dimensions A, A1 and L are measured with the package seated in JE-DEC seating
plane gauge GS-3.
5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.010 inch (0.25mm).
6. E and e
A
are measured with the leads constrained to be perpendicular to datum -C- .
7.
e
B and eC are measured at the lead tips with the leads unconstrained. eC must be zero
or greater.
8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall
not exceed 0.010 inch (0.25mm).
9. N is the maximum number of terminal positions.
10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1
dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
Package Dimensions Dual-In-Line Plastic Packages (PDIP)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com