Electronic Components Datasheet Search
  English  ▼

X  

SP720APP Datasheet(PDF) 6 Page - Littelfuse

Part # SP720APP
Description  SP720 Series 3pF 4kV Rail Clamp Array
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP720APP Datasheet(HTML) 6 Page - Littelfuse

  SP720APP Datasheet HTML 1Page - Littelfuse SP720APP Datasheet HTML 2Page - Littelfuse SP720APP Datasheet HTML 3Page - Littelfuse SP720APP Datasheet HTML 4Page - Littelfuse SP720APP Datasheet HTML 5Page - Littelfuse SP720APP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to
www.littelfuse.com/SPA for current information.
60
TVS Diode Arrays (SPA™Family of Products)
Revision: April 14, 2011
SP720 Lead-Free/Green Series
General Purpose ESD Protection - SP720 Series
Part Numbering System
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Product Characteristics
Ordering Information
Package Dimensions — Small Outline Plastic Packages (SOIC)
Notes:
1.
Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication
Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash,
protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Interlead flash and
protrusions shall not exceed 0.25mm (0.010 inch) per side.
5. The chamfer on the body is optional. If it is not present, a visual index feature must be
located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7.
“N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater above the seating
plane, shall not exceed a maximum value of 0.61mm (0.024 inch).
10. Controlling dimension:MILLIMETER. Converted inch dimensions are not necessarily
exact.
Package
SOIC
Pins
16
JEDEC
M16.15 (JEDEC MS-012-AC Issue C)
Millimeters
Inches
Notes
Min
Max
Min
Max
A
1.35
1.75
0.0532
0.0688
-
A1
0.10
0.25
0.0040
0.0098
-
B
0.33
0.51
0.013
0.020
9
C
0.19
0.25
0.0075
0.0098
-
D
9.80
10.00
0.3859
0.3937
3
E
3.80
4.00
0.1497
0.1574
4
e
1.27 BSC
0.050 BSC
-
H
5.80
6.20
0.2284
0.2440
-
h
0.25
0.50
0.0099
0.0196
5
L
0.40
1.27
0.016
0.050
6
N
16
16
7
μ
0º
8º
0º
8º
-
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
0.25(0.010)
B
M
M
μ
Part Number
Temp. Range (ºC)
Package
Environmental
Informaton
Marking
Min. Order
SP720APP
-40 to 105
16 Ld PDIP
Lead-free
720APP
1500
SP720ABG
-40 to 105
16 Ld SOIC
Green
720ABG
1920
SP720ABTG
-40 to 105
16 Ld SOIC
Tape and Reel
Green
720ABG
2500
SP720ABTG
Series
Package
P=Lead Free
G = Green
TG= Tape and Reel / Green
AB = 16 Ld SOIC
AP = 16 Ld PDIP
Silicon Protection
Array (SPA
TM)
Family of
TVS Diode Arrays
See Ordering Information section for specific options available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com