Electronic Components Datasheet Search
  English  ▼

X  

TS1909 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1909
Description  MicroPower VFM Boost DC to Dc Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1909 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1909 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS1909
MicroPower VFM Boost DC to Dc Converter
3/3
Version: A10
Detailed Description
The TS1909 architecture is built around a VFM CONTROL logic core, switching frequency is set through a built in
oscillator. TON time is fixed (Typ. 5uS) while TOFF time is determined by the error amplifier output, a logic signal coming
from the comparison made by the Error Amplifier Stage between the signal coming from the output voltage divider
network and the internal Band-Gap voltage reference (VREF). TOFF reaches a minimum (Typ. 1.7uS) when heavy load
conditions are met (Clock frequency 150KHz). An over current conditions, through the internal power switch, causes a
voltage drop VLX=RDSON x ISW and the VLX limiter block forces the internal switch to be off, so narrowing TON time
and limiting internal power dissipation. In this case the switching frequency may be higher than the 150KHz set by the
internal clock generator.
VFM control ensures very low quiescent current and high conversion efficiency even with very light loads. Since the
Output Voltage pin is also used as the device Supply Voltage, the versions with higher output voltage present an
higher internal supply voltage that results in lower power switch RDSON, slightly greater output power and higher
efficiency. Moreover, bootstrapping allows the input voltage to sag to 0.6V (at IOUT=1mA) once the system is started.
If the input voltage exceeds the output voltage, the output will follow the input, however, the input or output voltage
must not be forced above 5.5V.
Application Information
Input/Output Capacitor Selection
The Output Ripple Voltage, as well as the Efficiency, is strictly related to the behavior of these elements. The output
ripple voltage is the product of the peak inductor current and the output capacitor Equivalent Series Resistance (ESR).
Best performances are obtained with good high frequency characteristics capacitors and low ESR. The best
compromise for the value of the Output Capacitance is 47µF Tantalum Capacitor; Lower values may cause higher
Output Ripple Voltage and lower Efficiency without compromising the functionality of the device. An Input Capacitor is
required to compensate, if present, the series impedance between the Supply Voltage Source and the Input Voltage of
the Application.
Inductor Selection
A 47µH inductor is recommended for most TS1909 applications. However, the inductance value is not critical, and the
TS1909 will work with inductors in the 33µH to 120µH.
Diode Selection
Schottky diodes with higher current ratings usually have lower forward voltage drop, larger diode capacitance and fast
reverse recovery, it is the ideal choices for TS1909 applications. The forward voltage drop of a Schottky diode
represents the conduction losses in the system, while the diode capacitance (CT or CD) represents the switching
losses. For diode selection, both forward voltage drop and diode capacitance need to be considered.
PCB layout guide
When laying out the PC board, the following suggestions should be taken to ensure proper operation of the TS1909.
These items are also illustrated graphically in below. The power traces, including the GND trace, the SW trace and the
VCC trace should be kept short, direct and wide to allow large current flow. Put enough multiply-layer pads when they
need to change the trace layer. Do not trace signal line under inductor.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com