Electronic Components Datasheet Search
  English  ▼

X  

TS1909 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1909
Description  MicroPower VFM Boost DC to Dc Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1909 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1909 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1909 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS1909
MicroPower VFM Boost DC to Dc Converter
1/1
Version: A10
SOT-25
General Description
The TS1909 is a high efficiency VFM Step-up DC/DC converter for small, low input voltage or battery powered
systems with ultra low quiescent supply current. The TS1909 accept a positive input voltage from start-up voltage to
VOUT and convert it to a higher output voltage in the 2.5 to 5V range.
The TS1909 combine ultra low quiescent supply current and high efficiency to give maximum battery life. The high
switching frequency and the internally limited peak inductor current permits the use of small, low cost inductors. Only
three external components are needed an inductor a diode and an output capacitor. The TS1909 is suitable to be
used in battery powered equipment where low noise, low ripple and ultra low supply current are required.
Typical applications are pagers, cameras & video camera, cellular telephones, wireless telephones, palmtop
computer, battery backup supplies, battery powered equipment.
Features
●
Very Low Supply Current 22µA (Typ.)
●
Maximum shutdown current <1µA
● Output Voltage Accuracy ±2.5%
● Output Current up to 100mA
● Low Ripple and Low Noise
● Very Low Start-up Voltage
● High Efficiency Typ. 87% @ VOUT=5V
● Few External Components
Ordering Information
Part No.
Package
Packing
TS1909CX5xx RF
SOT-25
3Kpcs / 7” Reel
Note: Where xx denotes voltage option.
Available output: 27=2.7V, 30=3V, 33=3.3V, 50=5V
Typical Application Circuit
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
VIN Pin Voltage
VIN
5.5
V
SW Voltage
VSW
5.5
V
OUT Pin Voltage
VOUT
5.5
V
Storage Temperature Range
TSTG
-40 to +150
oC
Operating Junction Temperature Range
TJ
-20 to +100
oC
Power Dissipation
PD
( TJ-TA ) / θJA
mW
Thermal Resistance from Junction to case
θJC
110
oC/W
Thermal Resistance from Junction to ambient
θJA
250
oC/W
Note: θJA is measured with the PCB copper area of approximately 1 inch (Multi-layer) that need connect to GND pin.
Pin Definition:
1. Enable
2. Output
3. N.C
4. Ground
5. SW


Similar Part No. - TS1909

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS190 CLARE-TS190 Datasheet
448Kb / 8P
Multifunction Telecom Switch
logo
IXYS Corporation
TS190 IXYS-TS190 Datasheet
140Kb / 8P
Multifunction Telecom Switch
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
TS1900CX5 TSC-TS1900CX5 Datasheet
235Kb / 5P
Ultra Low Quiescent Current Smart Load Switch
logo
Clare, Inc.
TS190L CLARE-TS190L Datasheet
442Kb / 8P
Multifunction Telecom Switch
More results

Similar Description - TS1909

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
14-Jun-2005
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
220Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
logo
ams AG
AS1340 AMSCO-AS1340_1 Datasheet
1Mb / 16P
50V, Micropower, DC-DC Boost Converter
logo
Advanced Power Electron...
APE2901 A-POWER-APE2901 Datasheet
371Kb / 10P
MICROPOWER VFM STEP-UP DC/DC Converter
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
ams AG
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com