Electronic Components Datasheet Search
  English  ▼

X  

TS19704CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19704CSRLG
Description  Single-Stage Primary-Side Control with High PFC LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19704CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19704CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19704CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS19704
Single-Stage Primary-Side Control
with High PFC LED Driver
2/7
Version: C12
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Range
Unit
Power supply pin
VDD
40
V
DMG voltage to GND
VDMG
-0.3 to 40
V
OUT voltage to GND
VOUT
-0.3 to 40
V
RT voltage to GND
VRT
-0.3 to 5
V
CS voltage to GND
VCS
-0.3 to 5
V
COM voltage to GND
VCOM
-0.3 to 5
V
VINT voltage to GND
VVINT
-0.3 to 5
V
Operating junction temperature rang
TJ
-40 to + 125
°C
Operating ambient temperature rang
TOPA
-40 to +85
°C
Storage temperature rang
TSTG
-65 to +150
°C
Lead temperature (Soldering 5 sec)
TLEAD
260
°C
Power dissipation @TA=25 °C
P D
0.4
W
Thermal resistance junction to ambient
θ
JA
160
°C/W
ESD rating (Human body mode)
VESD
2
kV
Electrical Characteristics (VCC=15 , TA=25℃, unless otherwise specified.)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Turn-on voltage
VCC_ON
17.2
18.2
19.2
V
Turn-off voltage
VCC_OFF
9.5
10
10.5
V
Quiescent current
IQ
--
25
35
uA
Normal current consumption
ICC
--
1
2
mA
PROTECTION
VCC voltage protection
VOVPA
31
32
33
V
Output voltage protection
VOVPS
10
10.5
11
V
CS limit voltage
VOCPH
1.2
1.25
1.3
V
CS limit voltage(Short Circuit)
VOCPL
0.3
0.33
0.36
V
OSCILLATOR
Start up timer
TSTR
RRT=50Kohm
--
240
--
us
Switch timer(with jitter)
TS
RRT=50Kohm
--
24
--
us
MULTIPLY
Multiply gain
KP
--
12.5
--
V
ERROR AMPLIFIER
Transconductance
GM
84
120
156
umho
Reference voltage
VREF
2.475
2.5
2.525
V
Maximum sink current
ICOM_SINK
--
55
--
uA
Maximum source current
ICOM_SOUR
--
55
--
uA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com